công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

T27MS205F2 bảng dữ liệu(PDF) 2 Page - Ashcroft, Inc.

tên linh kiện T27MS205F2
Giải thích chi tiết về linh kiện  T2 Pressure Transmitter
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ASHCROFT [Ashcroft, Inc.]
Trang chủ  https://www.ashcroft.com/
Logo ASHCROFT - Ashcroft, Inc.

T27MS205F2 bảng dữ liệu(HTML) 2 Page - Ashcroft, Inc.

  T27MS205F2 Datasheet HTML 1Page - Ashcroft, Inc. T27MS205F2 Datasheet HTML 2Page - Ashcroft, Inc. T27MS205F2 Datasheet HTML 3Page - Ashcroft, Inc. T27MS205F2 Datasheet HTML 4Page - Ashcroft, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Data Sheet
All specifications are subject to change without notice. All sales subject to standard terms
and conditions. Ashcroft® and Trust the Shield® are trademarks of Ashcroft Inc.
For more information, see Ashcroft Brands & Trademarks
©2024 Ashcroft Inc. T2_transducer_ds_RevD_8-14-24
ashcroft.com
| 1.800.328.8258 | Contact Us
of 4
2
T2 Pressure Transmitter
ELECTRICAL SPECIFICATIONS
Output:
Supply Voltage
Supply Current
0-5 Vdc (3 Wire)
9 Vdc to 36 Vdc
5 mA
0-10 Vdc (3 Wire)
14 Vdc to 36 Vdc
5 mA
1-5 Vdc, 1-6 &
0.5-4.5 Vdc (3 Wire) 9 Vdc to 36 Vdc
4 mA
0.5-4.5 Vdc, 3 Wire
(Ratiometric)
5 Vdc ±0.5 Vdc
3.5 mA
4-20 mA (2 Wire)
9 Vdc to 36 Vdc
Insulation
Breakdown Voltage: >100 MΩ @ 100 Vdc
Circuit Protection:
Reverse polarity and mis-wire protected
Insulation
Resistance:
100 MΩ @ 30 Vdc
PHYSICAL SPECIFICATIONS
Environmental
Rating:
Ingress rating NEMA 4X, IP65
LOAD LIMITATIONS 4-20 mA OUTPUT ONLY
OPTIONAL FEATURES
Calibration Report:
9 pt. Traceable calibration certificate
Consult factory for:
Throttle plugs and Cleaned for Oxygen services
To Determine Min. loop supply voltage: LSV
Min=9(V)+[0.022(A)*RL ]
Where:
LSV= Loop Supply Voltage (Vdc)
R
L = RS+ RW (ohms)
R
L = Loop Resistance (ohms)
R
S = Sense Resistance (ohms) [Measuring Instrument]
R
W = Wiring Resistance (ohms)
10
40
9 (Min.)
36 (Max.)
Loop Supply Voltage (Vdc) [LSV]
Power Supply Voltage vs. Loop Resistance
(4-20 mA ONLY)
1,400
1,200
1,227
1,000
WETTED MATERIAL
Diaphragm
17-4PH Stainless Steel
Process Connection
304 Stainless Steel
NON-WETTED
Housing
20% Glass Reinforced Nylon,
Fire retardant to UL94 V1



Html Pages

1 2 3 4


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com