| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
SC14X24X7 bảng dữ liệu(PDF) 11 Page - France Joint |
|
|
|||||||||||||||||||||||||||||
SC14X24X7 bảng dữ liệu(HTML) 11 Page - France Joint |
|
11 / 13 page ![]() Part number Shaft diameter Ød1 h11 Bore diameter ØD1 H8 Seal height H1 SC 45 x 100 x 10 45.00 100.00 10.00 SC 46 x 62 x 9 46.00 62.00 9.00 SC 46 x 65 x 10 46.00 65.00 10.00 SC 46 x 72 x 10 46.00 72.00 10.00 SC 47 x 56 x 7 47.00 56.00 7.00 SC 47 x 62 x 8 47.00 62.00 8.00 SC 47 x 65 x 8 47.00 65.00 8.00 SC 48 x 62 x 8 48.00 62.00 8.00 SC 48 x 64 x 7 48.00 64.00 7.00 SC 48 x 65 x 7 48.00 65.00 7.00 SC 48 x 65 x 10 48.00 65.00 10.00 SC 48 x 68 x 10 48.00 68.00 10.00 SC 48 x 72 x 7 48.00 72.00 7.00 SC 48 x 72 x 8 48.00 72.00 8.00 SC 48 x 72 x 10 48.00 72.00 10.00 SC 48 x 80 x 10 48.00 80.00 10.00 SC 48 x 85 x 10 48.00 85.00 10.00 SC 49 x 65 x 9 49.00 65.00 9.00 SC 50 x 60 x 8 50.00 60.00 8.00 SC 50 x 62 x 7 50.00 62.00 7.00 SC 50 x 62 x 8 50.00 62.00 8.00 SC 50 x 65 x 8 50.00 65.00 8.00 SC 50 x 65 x 10 50.00 65.00 10.00 SC 50 x 66 x 8 50.00 66.00 8.00 SC 50 x 68 x 8 50.00 68.00 8.00 SC 50 x 68 x 10 50.00 68.00 10.00 SC 50 x 70 x 8 50.00 70.00 8.00 SC 50 x 70 x 10 50.00 70.00 10.00 SC 50 x 70 x 12 50.00 70.00 12.00 SC 50 x 72 x 8 50.00 72.00 8.00 SC 50 x 72 x 10 50.00 72.00 10.00 SC 50 x 72 x 12 50.00 72.00 12.00 SC 50 x 75 x 10 50.00 75.00 10.00 SC 50 x 80 x 8 50.00 80.00 8.00 SC 50 x 80 x 10 50.00 80.00 10.00 SC 50 x 85 x 10 50.00 85.00 10.00 SC 50 x 90 x 10 50.00 90.00 10.00 SC 50 x 98 x 6 50.00 98.00 6.00 SC 50 x 110 x 10 50.00 110.00 10.00 SC 51 x 62 x 7 51.00 62.00 7.00 SC 51 x 66 x 6.5 51.00 66.00 6.50 SC 52 x 62 x 8 52.00 62.00 8.00 SC 52 x 65 x 8 52.00 65.00 8.00 SC 52 x 66 x 6 52.00 66.00 6.00 SC 52 x 66 x 9 52.00 66.00 9.00 SC 52 x 68 x 8 52.00 68.00 8.00 SC 52 x 68 x 10 52.00 68.00 10.00 SC 52 x 69 x 10 52.00 69.00 10.00 SC 52 x 72 x 8 52.00 72.00 8.00 SC 52 x 75 x 8 52.00 75.00 8.00 SC 52 x 75 x 12 52.00 75.00 12.00 SC 52 x 78 x 9 52.00 78.00 9.00 SC 52 x 80 x 8 52.00 80.00 8.00 SC 52 x 80 x 10 52.00 80.00 10.00 SC 52 x 85 x 10 52.00 85.00 10.00 SC 52 x 85 x 13 52.00 85.00 13.00 SC 53 x 71 x 9 53.00 71.00 9.00 SC 53 x 85 x 8 53.00 85.00 8.00 SC 54 x 73 x 12.3 54.00 73.00 12.30 SC 54 x 76 x 12 54.00 76.00 12.00 SC 54 x 81 x 11 54.00 81.00 11.00 SC 54 x 85 x 8 54.00 85.00 8.00 Part number Shaft diameter Ød1 h11 Bore diameter ØD1 H8 Seal height H1 SC 55 x 63 x 5 55.00 63.00 5.00 SC 55 x 68 x 8 55.00 68.00 8.00 SC 55 x 70 x 8 55.00 70.00 8.00 SC 55 x 70 x 10 55.00 70.00 10.00 SC 55 x 72 x 7 55.00 72.00 7.00 SC 55 x 72 x 8 55.00 72.00 8.00 SC 55 x 72 x 10 55.00 72.00 10.00 SC 55 x 75 x 7 55.00 75.00 7.00 SC 55 x 75 x 10 55.00 75.00 10.00 SC 55 x 78 x 12 55.00 78.00 12.00 SC 55 x 80 x 8 55.00 80.00 8.00 SC 55 x 80 x 10 55.00 80.00 10.00 SC 55 x 80 x 12 55.00 80.00 12.00 SC 55 x 80 x 13 55.00 80.00 13.00 SC 55 x 85 x 8 55.00 85.00 8.00 SC 55 x 85 x 10 55.00 85.00 10.00 SC 55 x 85 x 13 55.00 85.00 13.00 SC 55 x 90 x 10 55.00 90.00 10.00 SC 55 x 90 x 12 55.00 90.00 12.00 SC 55 x 92 x 9 55.00 92.00 9.00 SC 55 x 100 x 12 55.00 100.00 12.00 SC 55 x 100 x 12.5 55.00 100.00 12.50 SC 56 x 70 x 8 56.00 70.00 8.00 SC 56 x 72 x 8 56.00 72.00 8.00 SC 56 x 80 x 8 56.00 80.00 8.00 SC 56 x 85 x 8 56.00 85.00 8.00 SC 56 x 85 x 13 56.00 85.00 13.00 SC 56 x 90 x 10 56.00 90.00 10.00 SC 56 x 100 x 10 56.00 100.00 10.00 SC 57 x 90 x 13 57.00 90.00 13.00 SC 58 x 72 x 8 58.00 72.00 8.00 SC 58 x 80 x 8 58.00 80.00 8.00 SC 58 x 80 x 10 58.00 80.00 10.00 SC 58 x 80 x 11 58.00 80.00 11.00 SC 58 x 85 x 12 58.00 85.00 12.00 SC 58 x 90 x 10 58.00 90.00 10.00 SC 58 x 90 x 11 58.00 90.00 11.00 SC 60 x 70 x 7 60.00 70.00 7.00 SC 60 x 70 x 8 60.00 70.00 8.00 SC 60 x 72 x 8 60.00 72.00 8.00 SC 60 x 74 x 10 60.00 74.00 10.00 SC 60 x 75 x 8 60.00 75.00 8.00 SC 60 x 75 x 9 60.00 75.00 9.00 SC 60 x 78 x 9 60.00 78.00 9.00 SC 60 x 80 x 8 60.00 80.00 8.00 SC 60 x 80 x 10 60.00 80.00 10.00 SC 60 x 80 x 12 60.00 80.00 12.00 SC 60 x 80 x 13 60.00 80.00 13.00 SC 60 x 82 x 12 60.00 82.00 12.00 SC 60 x 85 x 8 60.00 85.00 8.00 SC 60 x 85 x 10 60.00 85.00 10.00 SC 60 x 85 x 12 60.00 85.00 12.00 SC 60 x 85 x 13 60.00 85.00 13.00 SC 60 x 90 x 8 60.00 90.00 8.00 SC 60 x 90 x 10 60.00 90.00 10.00 SC 60 x 95 x 10 60.00 95.00 10.00 SC 60 x 100 x 10 60.00 100.00 10.00 SC 60 x 110 x 10 60.00 110.00 10.00 SC 60 x 110 x 12 60.00 110.00 12.00 SC 62 x 80 x 10 62.00 80.00 10.00 SC 62 x 85 x 10 62.00 85.00 10.00 SC 62 x 90 x 10 62.00 90.00 10.00 ROTARY SEALS | STANDARD SHAFT SEALS | SC ROTARY SEALS | STANDARD SHAFT SEALS | SC www.francejoint.com |