| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
S80NTJS3 bảng dữ liệu(PDF) 5 Page - Ashcroft, Inc. |
|
|
|||||||||||||||||||||||||||||
S80NTJS3 bảng dữ liệu(HTML) 5 Page - Ashcroft, Inc. |
|
5 / 5 page ![]() Thermocouple Temperature probes with mineral insulation, available with optional connectors. Data Sheet DIMENSIONS in [ ] are millimeters For reference only, consult Ashcroft for specific dimensional drawings d HOW TO ORDER S80 TEMPERATURE PROBES: The ordering code is built by selecting the appropriate configuration for the various sections of the ordering code. The insert nominal length L is measured from top of the cable transition piece or center of threads to the tip of the probe. The lead wire length LC is measured for the base of the lead wire transition piece to the end of the lead wire jacket. The L length and the LC length are added to the end of the ordering code in millimeters. To convert inches to millimeters multiply by 25.4. mm = inches x 25.4 Custom configurations are available. d = Stem diameter LC = Length lead wire L = Insertion length S80 Thermocouple Temperature Probes of 5 5 All specifications are subject to change without notice. All sales subject to standard terms and conditions. Ashcroft®, Trust the Shield® are trademarks of Ashcroft Inc. The following non-Ashcroft trademarks are the property of their respective owners: Inconel®. For more information, see Ashcroft Brands & Trademarks ©2023 Ashcroft Inc. S80_RTD_ds_RevC_04-05-23 ashcroft.com | 1.800.328.8258 | Contact Us * 50 mm with FM approval * * |