| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
VC8X14X4 bảng dữ liệu(PDF) 6 Page - France Joint |
|
|
|||||||||||||||||||||||||||||
VC8X14X4 bảng dữ liệu(HTML) 6 Page - France Joint |
|
6 / 6 page ![]() Part number Shaft diameter Ød1 h11 Bore diameter ØD1 H8 Seal height H1 VC 28 x 42 x 4 28.00 42.00 4.00 VC 28 x 47 x 4 28.00 47.00 4.00 VC 30 x 37 x 4 30.00 37.00 4.00 VC 30 x 40 x 7 30.00 40.00 7.00 VC 30 x 42 x 5 30.00 42.00 5.00 VC 30 x 42 x 6.4 30.00 42.00 6.40 VC 30 x 52 x 5 30.00 52.00 5.00 VC 30 x 62 x 6 30.00 62.00 6.00 VC 32 x 39 x 4 32.00 39.00 4.00 VC 32 x 40 x 4 32.00 40.00 4.00 VC 32 x 40 x 5 32.00 40.00 5.00 VC 32 x 42 x 4 32.00 42.00 4.00 VC 32 x 44 x 4 32.00 44.00 4.00 VC 32 x 52 x 5 32.00 52.00 5.00 VC 34 x 39 x 3 34.00 39.00 3.00 VC 34 x 41 x 4 34.00 41.00 4.00 VC 35 x 55 x 5 35.00 55.00 5.00 VC 35 x 62 x 5 35.00 62.00 5.00 VC 38 x 42 x 6.4 38.00 42.00 6.40 VC 40 x 45 x 2 40.00 45.00 2.00 VC 40 x 47 x 4 40.00 47.00 4.00 VC 40 x 48 x 4 40.00 48.00 4.00 VC 40 x 50 x 4 40.00 50.00 4.00 VC 40 x 52 x 5 40.00 52.00 5.00 VC 40 x 52 x 6 40.00 52.00 6.00 VC 40 x 54 x 7 40.00 54.00 7.00 VC 40 x 60 x 5 40.00 60.00 5.00 Part number Shaft diameter Ød1 h11 Bore diameter ØD1 H8 Seal height H1 VC 40 x 62 x 5 40.00 62.00 5.00 VC 42 x 52 x 4 42.00 52.00 4.00 VC 44 x 50 x 4 44.00 50.00 4.00 VC 44 x 55 x 5 44.00 55.00 5.00 VC 45 x 50 x 2 45.00 50.00 2.00 VC 45 x 50 x 8 45.00 50.00 8.00 VC 45 x 55 x 4 45.00 55.00 4.00 VC 45 x 62 x 5 45.00 62.00 5.00 VC 45 x 62 x 7 45.00 62.00 7.00 VC 45 x 65 x 8 45.00 65.00 8.00 VC 45 x 68 x 6 45.00 68.00 6.00 VC 45 x 70 x 5 45.00 70.00 5.00 VC 48 x 58 x 4 48.00 58.00 4.00 VC 50 x 68 x 7 50.00 68.00 7.00 VC 50 x 72 x 5 50.00 72.00 5.00 VC 55 x 72 x 8 55.00 72.00 8.00 VC 60 x 72 x 6 60.00 72.00 6.00 VC 60 x 75 x 6 60.00 75.00 6.00 VC 70 x 92 x 7 70.00 92.00 7.00 VC 74 x 95 x 7 74.00 95.00 7.00 VC 80 x 90 x 3.4 80.00 90.00 3.40 VC 80 x 90 x 5 80.00 90.00 5.00 VC 80 x 100 x 7 80.00 100.00 7.00 VC 90 x 105 x 6 90.00 105.00 6.00 VC 90 x 105 x 10 90.00 105.00 10.00 VC 95 x 135 x 13 95.00 135.00 13.00 ROTARY SEALS | STANDARD SHAFT SEALS | VC FRANCE JOINT SAS Zone Artisanale Le Mortier - B.P. 50009 - Cugand - 85613 Montaigu Cedex - France Ph. +33 (0)2 51 42 13 76 - Fax +33 (0)2 51 43 61 14 - Email: contact@francejoint.fr - Website: www.francejoint.com |