công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

16SBASD02B bảng dữ liệu(PDF) 4 Page - Ashcroft, Inc.

tên linh kiện 16SBASD02B
Giải thích chi tiết về linh kiện  SB Subsea Pressure Gauge
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ASHCROFT [Ashcroft, Inc.]
Trang chủ  https://www.ashcroft.com/
Logo ASHCROFT - Ashcroft, Inc.

16SBASD02B bảng dữ liệu(HTML) 4 Page - Ashcroft, Inc.

  16SBASD02B Datasheet HTML 1Page - Ashcroft, Inc. 16SBASD02B Datasheet HTML 2Page - Ashcroft, Inc. 16SBASD02B Datasheet HTML 3Page - Ashcroft, Inc. 16SBASD02B Datasheet HTML 4Page - Ashcroft, Inc. 16SBASD02B Datasheet HTML 5Page - Ashcroft, Inc. 16SBASD02B Datasheet HTML 6Page - Ashcroft, Inc. 16SBASD02B Datasheet HTML 7Page - Ashcroft, Inc. 16SBASD02B Datasheet HTML 8Page - Ashcroft, Inc. 16SBASD02B Datasheet HTML 9Page - Ashcroft, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
DIMENSIONS mm [in]
For reference only, consult Ashcroft for specific dimensional drawings
63 mm SB Lower Connect, 1200 Meter
63 mm SB Lower Connect (XFF), 1200 Meter
63 mm SB Lower Connect (XFW), 1200 Meter
63 mm SB Back Connect (XFF), 1200 Meter
63 mm SB Back Connect, 1200 Meter
56 [2.205]
17.5 [0.689]
13 [0.512]
¼ NPT
HEX 14
Ø 110 [4.331]
Ø 95 [3.740]
Ø 5.2 [0.205] (3X)
13 [0.512]
~22 [0.866]
5 [0.197]
~6 [2.402]
¼ NPT
HEX 14
56 [2.206]
79 [3.110]
13 [0.512]
HEX 14
Ø 110 [4.331]
Ø 5.2 [0.205] (3X)
17.5 [0.689]
4 [0.157]
56 [2.205]
Ø 95 [3.740]
13 [0.512]
¼ NPT
HEX 14
Ø 110 [4.331]
Ø 5.2 [0.205] (3X)
79 [3.110]
4 [0.157]
56 [2.205]
Ø 95 [3.740]
13 [0.512]
HEX 14
SB Subsea Pressure Gauge
of 9
4
Data Sheet
All specifications are subject to change without notice. All sales subject to standard terms and conditions.
Ashcroft® and Trust the Shield® are trademarks a of Ashcroft Inc. For more information, see Ashcroft Brands & Trademarks
©2023 Ashcroft Inc. sub-sb_gauge_ds_RevC_01-03-23
ashcroft.com
| 1.800.328.8258 | Contact Us



Html Pages

1 2 3 4 5 6 7 8 9