| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
16SBCSS02L bảng dữ liệu(PDF) 4 Page - Ashcroft, Inc. |
|
|
|||||||||||||||||||||||||||||
16SBCSS02L bảng dữ liệu(HTML) 4 Page - Ashcroft, Inc. |
|
4 / 9 page ![]() DIMENSIONS mm [in] For reference only, consult Ashcroft for specific dimensional drawings 63 mm SB Lower Connect, 1200 Meter 63 mm SB Lower Connect (XFF), 1200 Meter 63 mm SB Lower Connect (XFW), 1200 Meter 63 mm SB Back Connect (XFF), 1200 Meter 63 mm SB Back Connect, 1200 Meter 56 [2.205] 17.5 [0.689] 13 [0.512] ¼ NPT HEX 14 Ø 110 [4.331] Ø 95 [3.740] Ø 5.2 [0.205] (3X) 13 [0.512] ~22 [0.866] 5 [0.197] ~6 [2.402] ¼ NPT HEX 14 56 [2.206] 79 [3.110] 13 [0.512] HEX 14 Ø 110 [4.331] Ø 5.2 [0.205] (3X) 17.5 [0.689] 4 [0.157] 56 [2.205] Ø 95 [3.740] 13 [0.512] ¼ NPT HEX 14 Ø 110 [4.331] Ø 5.2 [0.205] (3X) 79 [3.110] 4 [0.157] 56 [2.205] Ø 95 [3.740] 13 [0.512] HEX 14 SB Subsea Pressure Gauge of 9 4 Data Sheet All specifications are subject to change without notice. All sales subject to standard terms and conditions. Ashcroft® and Trust the Shield® are trademarks a of Ashcroft Inc. For more information, see Ashcroft Brands & Trademarks ©2023 Ashcroft Inc. sub-sb_gauge_ds_RevC_01-03-23 ashcroft.com | 1.800.328.8258 | Contact Us |