công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LD1086D2TTR bảng dữ liệu(PDF) 22 Page - STMicroelectronics

tên linh kiện LD1086D2TTR
Giải thích chi tiết về linh kiện  1.5A Low drop positive voltage regulator adjustable and fixed
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LD1086D2TTR bảng dữ liệu(HTML) 22 Page - STMicroelectronics

Back Button LD1086D2TTR Datasheet HTML 18Page - STMicroelectronics LD1086D2TTR Datasheet HTML 19Page - STMicroelectronics LD1086D2TTR Datasheet HTML 20Page - STMicroelectronics LD1086D2TTR Datasheet HTML 21Page - STMicroelectronics LD1086D2TTR Datasheet HTML 22Page - STMicroelectronics LD1086D2TTR Datasheet HTML 23Page - STMicroelectronics LD1086D2TTR Datasheet HTML 24Page - STMicroelectronics LD1086D2TTR Datasheet HTML 25Page - STMicroelectronics LD1086D2TTR Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 37 page
background image
Package mechanical data
LD1086xx
22/37
7
Package mechanical data
In order to meet environmental requirements, ST offers these devices in ECOPACK®
packages. These packages have a Lead-free second level interconnect. The category of
second Level Interconnect is marked on the package and on the inner box label, in
compliance with JEDEC Standard JESD97. The maximum ratings related to soldering
conditions are also marked on the inner box label. ECOPACK is an ST trademark.
ECOPACK specifications are available at: www.st.com.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37