| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
STA5620 bảng dữ liệu(PDF) 18 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STA5620 bảng dữ liệu(HTML) 18 Page - STMicroelectronics |
|
18 / 29 page ![]() Registers STA5620 18/29 7.4 Radio configuration register 7.5 Test register Table 9. Radio configuration register Register address Name Bit Default value MODE = 0 Default value MODE = 1 Description 0x43 MST XXXX XXX y [0] 0 1 MST = 0 GPS_CLK output equal to Xtal MST = 1 GPS_CLK output equal to LO96 LSR XXXX XX y X [1] 1 1 LSR = 0 slow slew rate mode not active LSR = 1 slow slew rate mode active XCE XXXX X y XX [2] 0 1 XCE = 0 XTAL_CLK buffer is OFF XCE = 1 XTAL_CLK buffer is ON GCE XXXX y XXX [3] 1 1 GCE = 0 GPS_CLK buffer is OFF GCE = 1 GPS_CLK buffer is ON Table 10. Test register Register address Name Bit Default value MODE = 0 Default value MODE = 1 Description 0x50 IFB XXXX XXX y [1] 0 0 IFB = 0 The IF Buffer is OFF IFB = 1 The IF Buffer is ON |