công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

S503R3CD bảng dữ liệu(PDF) 5 Page - Ashcroft, Inc.

tên linh kiện S503R3CD
Giải thích chi tiết về linh kiện  S50 Industrial RTDs & Thermocouples with NPT Connections
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ASHCROFT [Ashcroft, Inc.]
Trang chủ  https://www.ashcroft.com/
Logo ASHCROFT - Ashcroft, Inc.

S503R3CD bảng dữ liệu(HTML) 5 Page - Ashcroft, Inc.

  S503R3CD Datasheet HTML 1Page - Ashcroft, Inc. S503R3CD Datasheet HTML 2Page - Ashcroft, Inc. S503R3CD Datasheet HTML 3Page - Ashcroft, Inc. S503R3CD Datasheet HTML 4Page - Ashcroft, Inc. S503R3CD Datasheet HTML 5Page - Ashcroft, Inc. S503R3CD Datasheet HTML 6Page - Ashcroft, Inc. S503R3CD Datasheet HTML 7Page - Ashcroft, Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
Continued on
next page
S50 TC ORDERING CODE
Example:
S50
S
T
K
N
1
1
3
D
2
Area Classification
S - Standard - General purpose
S
D - Explosion proof (must order head type F or S)
J - Intrinsic Safety - ia
B - Intrinsic Safety - ib
E - Increased Safety
N - Non-Incendive
Sheath Diameter
R - 1∕8˝ Ø3.18 mm
S - 3∕16˝ Ø4.76 mm
T - 1/4˝ Ø6.35 mm
T
3 - 3 mm
4 - 4.5 mm
6 - 6 mm
8 - 8 mm
Thermocouple Type
E - Temperature range: -200 to 800 °C
J - Temperature range: -40 to 750 °C
K - Temperature range: -200 to 1000 °C
K
N - Temperature range: -200 to 1000 °C
T - Temperature range: -250 to 350 °C
Accuracy or Class
N - ANSI MC 96.1: Standard limits
N
S - ANSI MC 96.1: Special limits
1 - IEC 60584-2: Class 1
2 - IEC 60584-2: Class 2
3 - IEC 60584-2: Class 3
Junction
1 - Ungrounded
1
2 - Grounded
3 - Ungrounded, vibration-proof
4 - Grounded, vibration-proof
Electrical Circuit
1 - Single
1
2 - Dual
Sheath Material
1 - AISI 316 / 1.4401
3 - Inconel® 600/ 2.4816
3
Head Type
F - Ex d Aluminum
S - Ex d Stainless steel
G - SCCI Stainless steel
N - SCCA Aluminum
B - DIN B Aluminum
D - BUZ Aluminum
D
E - BUZH Aluminum
P - PR 7501 (N/A with FM approval)
Y - Cast iron (N/A with FM approval)
A - Polypropylene (N/A with FM approval)
H - E&H Housing (N/A with FM approval)
Instrument Connection ½ NPT Conduit Connection
2 - 1/2 NPT
2
N - ¾ NPT
M - M20 x 1.5
A - Adapter M20 x 1.5
P - Pg 16
Instrument Connection ¾ NPT Conduit Connection
3 - 1/2 NPT
4 - ¾ NPT
5 - M20 x 1.5
of 7
5
Data Sheet
S50 Industrial RTDs & Thermocouples
with NPT Connections
Data Sheet
All specifications are subject to change without notice. All sales subject to standard terms and conditions.
Ashcroft®, Trust the Shield® are trademarks of Ashcroft Inc. The following non-Ashcroft trademarks are the property
of their respective owners: Inconel®. For more information, see Ashcroft Brands & Trademarks
©2023 Ashcroft Inc. S50_RTD_ds_RevD_04-05-23
ashcroft.com
| 1.800.328.8258 | Contact Us
S50 Thermocouples



Html Pages

1 2 3 4 5 6 7


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com