| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
L6566ATR bảng dữ liệu(PDF) 37 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
L6566ATR bảng dữ liệu(HTML) 37 Page - STMicroelectronics |
|
37 / 51 page ![]() L6566A Application information 37/51 Figure 22 on page 35 shows the internal block diagram, while the timing diagrams in Figure 23 on page 36 illustrate the operation. Note: To use the OVP function effectively, i.e. to ensure that the OVP comparator will be always interrogated during MOSFET’s OFF-time, the duty cycle D under open-loop conditions must fulfill the following inequality: Equation 12 where TBLANK2 = 2 µs; this is also illustrated in the diagram of Figure 24. Figure 24. Maximum allowed duty cycle vs. switching frequency for correct OVP detection 1 f T D sw 2 BLANK ≤ + 5 .10 4 1 .10 5 1.5.10 5 2 .10 5 2.5 .10 5 3 .10 5 3.5 .10 5 4 .10 5 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.725 fsw [Hz] Dmax |