công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

L6566 bảng dữ liệu(PDF) 37 Page - STMicroelectronics

tên linh kiện L6566
Giải thích chi tiết về linh kiện  Multi-mode controller for SMPS with PFC front-end
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6566 bảng dữ liệu(HTML) 37 Page - STMicroelectronics

Back Button L6566_07 Datasheet HTML 33Page - STMicroelectronics L6566_07 Datasheet HTML 34Page - STMicroelectronics L6566_07 Datasheet HTML 35Page - STMicroelectronics L6566_07 Datasheet HTML 36Page - STMicroelectronics L6566_07 Datasheet HTML 37Page - STMicroelectronics L6566_07 Datasheet HTML 38Page - STMicroelectronics L6566_07 Datasheet HTML 39Page - STMicroelectronics L6566_07 Datasheet HTML 40Page - STMicroelectronics L6566_07 Datasheet HTML 41Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 51 page
background image
L6566A
Application information
37/51
Figure 22 on page 35
shows the internal block diagram, while the timing diagrams in
Figure 23 on page 36
illustrate the operation.
Note:
To use the OVP function effectively, i.e. to ensure that the OVP comparator will be always
interrogated during MOSFET’s OFF-time, the duty cycle D under open-loop conditions must
fulfill the following inequality:
Equation 12
where TBLANK2 = 2 µs; this is also illustrated in the diagram of Figure 24.
Figure 24. Maximum allowed duty cycle vs. switching frequency for correct OVP
detection
1
f
T
D
sw
2
BLANK
≤
+
5 .10
4
1 .10
5
1.5.10
5
2 .10
5
2.5 .10
5
3 .10
5
3.5 .10
5
4 .10
5
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.725
fsw [Hz]
Dmax



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51