| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
RHFL4913SCA-01V bảng dữ liệu(PDF) 5 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
RHFL4913SCA-01V bảng dữ liệu(HTML) 5 Page - STMicroelectronics |
|
5 / 16 page ![]() RHFL4913 ADJUSTABLE VERSION Electrical characteristics 5/16 3 Electrical characteristics Table 4. Electrical characteristics (TJ = 25°C, VI = VO+2.5V, CI = CO = 1µF, unless otherwise specified) Symbol Parameter Test Conditions Min. Typ. Max. Unit VI Operating input voltage IO = 1A, TJ= -55 to 125°C 312 V VO Operating output voltage IO = 1A and or 2, VO = 1.23 V 1.19 1.27 V IO = 1A and or 2, VO = 9 V 8.7 9.3 V ISHORT Output current limit (1) Adjustable by mask/external resistor 1 4.5 A ∆VO/∆VI Line regulation VI = VO+2.5V to 12 V, IO = 5mA, TJ=+25°C 0.35 % VI = VO+2.5V to 12 V, IO = 5mA, TJ=-55°C 0.4 VI = VO+2.5V to 12 V, IO = 5mA, TJ=+125°C 0.4 ∆VO/∆VO Load regulation VI = VO+2.5V, IO = 5 to 400 mA, TJ=+25°C 0.3 % VI = VO+2.5V, IO = 5 to 400 mA, TJ=-55°C 0.5 VI = VO+2.5V, IO = 5 to 400 mA, TJ=+125°C 0.5 VI = VO+2.5V, IO = 5mA to 1A, TJ=+25°C 0.5 VI = VO+2.5V, IO = 5mA to 1A, TJ=-55°C 0.6 VI = VO+2.5V, IO = 5mA to 1A, TJ=+125°C 0.6 ZOUT Output impedance IO = 100 mA DC and 20 mA rms 100 m Ω Iq Quiescent current VI = VO+2.5V, IO = 5mA, On Mode (+25°C) 6 mA VI = VO+2.5V, IO = 30mA, On Mode (+25°C) 8 VI = VO+2.5V, IO = 300mA, On Mode (+25°C) 25 VI = VO+2.5V, IO = 1A, On Mode (+25°C) 60 VI = VO+2V, VINH = 2.4VOff Mode 1 Iq Quiescent current ON MODE VI = VO+2.5V, IO = 30mA, (-55°C) 14 mA VI = VO+2.5V, IO = 300mA, (-55°C) 40 VI = VO+2.5V, IO = 1A, (-55°C) 100 VI = VO+2.5V, IO = 30mA, (+125°C) 8 VI = VO+2.5V, IO = 300mA, (+125°C) 20 VI = VO+2.5V, IO = 1A, (+125°C) 40 |