| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
74LS194 bảng dữ liệu(PDF) 2 Page - SYC Electronica |
|
|
|||||||||||||||||||||||||||||
74LS194 bảng dữ liệu(HTML) 2 Page - SYC Electronica |
|
2 / 6 page ![]() Function Table H = HIGH Level (steady state) L = LOW Level (steady state) X = Don’t Care (any input, including transitions) ↑ = Transition from LOW-to-HIGH level a, b, c, d = The level of steady state input at inputs A, B, C or D, respectively. QA0, QB0, QC0, QD0 = The level of QA, QB, QC, or QD, respectively, before the indicated steady state input conditions were established. QAn, QBn, QCn, QDn = The level of QA, QB, QC, respectively, before the most-recent ↑ transition of the clock. Logic Diagram Inputs Outputs Clear Mode Clock Serial Parallel QA QB QC QD S1 S0 Left Right A B C D L X X X X X XX XX L L L L H X X L X X XX XX QA0 QB0 QC0 QD0 HH H ↑ XX a b c d a b c d HL H ↑ X H XX XX H QAn QBn QCn HL H ↑ X L XX XX L QAn QBn QCn HH L ↑ H X XX XX QBn QCn QDn H HH L ↑ L X XX XX QBn QCn QDn L H L L X X X XX XX QA0 QB0 QC0 QD0 www.sycelectronica.com.ar |