công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

THREADED bảng dữ liệu(PDF) 2 Page - Ashcroft, Inc.

tên linh kiện THREADED
Giải thích chi tiết về linh kiện  Threaded Thermowells
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ASHCROFT [Ashcroft, Inc.]
Trang chủ  https://www.ashcroft.com/
Logo ASHCROFT - Ashcroft, Inc.

THREADED bảng dữ liệu(HTML) 2 Page - Ashcroft, Inc.

  THREADED Datasheet HTML 1Page - Ashcroft, Inc. THREADED Datasheet HTML 2Page - Ashcroft, Inc. THREADED Datasheet HTML 3Page - Ashcroft, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
of 3
2
Threaded Thermowells
Data Sheet
ashcroft.com
| 1.800.328.8258 | Contact Us
All specifications are subject to change without notice. All sales subject to standard terms and conditions.
Ashcroft®, Trust the Shield® are trademarks and Gold ServiceSM is a service mark of Ashcroft Inc. The following
non-Ashcroft trademarks are the property of their respective owners: Carpenter® 20, Hastelloy® B/C, Inconel® 600, Monel®.
For more information, see Ashcroft Brands & Trademarks. ©2023 Ashcroft Inc. thread_therm_ds_RevL_01-20-23
ORDERING CODE
Example:
75
W
0250
L
H
T
260
S
2
XNH
L0350
P-Process Connection Size
50 - 1⁄2 NPT (N/A with U of 0162)
75 - 3⁄4 NPT Male
75
10 - 1 NPT Male
Thermowell
W - Thermowell
W
U-Process Insertion Length
0162 - 15⁄8˝ (Available only with “M” Proccess Conn. Type
& N/A with ½ NPT)
0250 - 21⁄2˝
0250
0450 - 41⁄2˝
0750 - 71⁄2˝
1050 - 101⁄2˝
1350 - 131⁄2˝
1650 - 161⁄2˝
1950 - 191⁄2˝
2250 - 221⁄2˝
I-Instrument Connection
Blank - 1⁄2 NPSM
2 - 1⁄2 NPT Female
T-Lagging
Blank - No lagging
L - Lagging (or special lag length, see below)
L
Shank Type
H - Tapered (N/A with U dimension 0162)
H
S - Straight
R - Stepped (N/A with U dimension 0162)
Process Connection Type
T - NPT Threaded
T
M - Limited space threaded used with 15⁄8˝ U only
D-Bore Diameter
260 - 0.260˝
260
385 - 0.385˝
Material
AA - Brass
B - Carbon steel
C - 304 Stainless steel
S - 316 Stainless steel
S
Cap and Chain
Blank - No cap and chain
1 - Brass
2 - Stainless steel
2
Options (see Table 1 on page 1 for additional options (If choosing an option(s) must include an “X”)
X__
NH - Stainless steel tag wired to thermowell
NH
Special Lagging Length
L - Lagging length × 100 (ex: 3.5˝ × 100 = L0350)
L0350



Html Pages

1 2 3


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com