| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
TMS320DM6437 bảng dữ liệu(PDF) 67 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
TMS320DM6437 bảng dữ liệu(HTML) 67 Page - Texas Instruments |
|
67 / 309 page ![]() www.ti.com TMS320DM6437 Digital Media Processor SPRS345B – NOVEMBER 2006 – REVISED MARCH 2007 Table 2-29. GPIO Terminal Functions SIGNAL TYPE(1) OTHER(2)(3) DESCRIPTION ZWT ZDU NAME NO. NO. GPIO The 111 GPIO pins on the DM6437 device are multiplexed with other peripherals pin functions (e.g., VPBE, VPFE, PCI, HPI, VLYNQ, EMAC/MDIO, McASP0, McBSP0, McBSP1, Timer 0, Timer 1, UART0, UART1, PWM0, PWM1, PWM2, EMIFA, and the CLKOUT0 pin), see the peripheral-specific Terminal Functions tables for the GPIO multiplexing. (1) I = Input, O = Output, Z = High impedance, S = Supply voltage, GND = Ground, A = Analog signal (2) IPD = Internal pulldown, IPU = Internal pullup. For more detailed information on pullup/pulldown resistors and situations where external pullup/pulldown resistors are required, see Section 3.9.1, Pullup/Pulldown Resistors. (3) Specifies the operating I/O supply voltage for each signal Submit Documentation Feedback Device Overview 67 |