công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

M93C86-RMB6TP/W bảng dữ liệu(PDF) 8 Page - STMicroelectronics

tên linh kiện M93C86-RMB6TP/W
Giải thích chi tiết về linh kiện  16 Kbit, 8 Kbit, 4 Kbit, 2 Kbit and 1 Kbit (8-bit or 16-bit wide) MICROWIRE짰 serial access EEPROM
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M93C86-RMB6TP/W bảng dữ liệu(HTML) 8 Page - STMicroelectronics

Back Button M93C86-RMB6TP/W Datasheet HTML 4Page - STMicroelectronics M93C86-RMB6TP/W Datasheet HTML 5Page - STMicroelectronics M93C86-RMB6TP/W Datasheet HTML 6Page - STMicroelectronics M93C86-RMB6TP/W Datasheet HTML 7Page - STMicroelectronics M93C86-RMB6TP/W Datasheet HTML 8Page - STMicroelectronics M93C86-RMB6TP/W Datasheet HTML 9Page - STMicroelectronics M93C86-RMB6TP/W Datasheet HTML 10Page - STMicroelectronics M93C86-RMB6TP/W Datasheet HTML 11Page - STMicroelectronics M93C86-RMB6TP/W Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 38 page
background image
Description
M93C86, M93C76, M93C66, M93C56, M93C46
8/38
Figure 2.
DIP, SO, TSSOP and MLP connections (top view)
1.
See Package mechanical section for package dimensions, and how to identify pin-1.
2.
DU = Don’t Use.
The DU (do not use) pin does not contribute to the normal operation of the device. It is
reserved for use by STMicroelectronics during test sequences. The pin may be left
unconnected or may be connected to VCC or VSS.
VSS
Q
ORG
DU
C
SVCC
D
AI01929B
M93Cx6
1
2
3
4
8
7
6
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38