| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
HT1660 bảng dữ liệu(PDF) 13 Page - Holtek Semiconductor Inc |
|
|
|||||||||||||||||||||||||||||
HT1660 bảng dữ liệu(HTML) 13 Page - Holtek Semiconductor Inc |
|
13 / 19 page ![]() Timing Diagrams READ Mode (Command ID Code:110) HT1660 Rev. 1.30 13 April 13, 2006 1 / 5 B i a s R C C C C R R R R V L C D T 1 T 2 T 3 T 4 T 0 0 0 B i a s B l o c k 1 / 6 B i a s R C C C C R 2 R R R T 1 T 2 T 3 T 4 T 0 0 0 B i a s B l o c k V L C D V L C D V L C D Increase Driver Current Configurations Note: The external resistors are used to increment the driving current. And the external capacitors are used to keep the bias voltage stable. R D D B 3 C S D 3 D 3 D 3 D 3 D 3 D 3 D 3 D 3 D 3 D 3 D 3 D 3 D 3 D 3 D 3 D 3 A 7 A 3 D 3 D B 2 D 2 D 2 D 2 D 2 D 2 D 2 D 2 D 2 D 2 D 2 D 2 D 2 D 2 D 2 D 2 D 2 1 A 6 A 2 D 2 D B 1 D B 0 D 1 D 1 D 1 D 1 D 1 D 1 D 1 D 1 D 1 D 1 D 1 D 1 D 1 D 1 D 1 D 1 1 A 5 A 1 D 1 D 0 D 0 D 0 D 0 D 0 D 0 D 0 D 0 D 0 D 0 D 0 D 0 D 0 D 0 D 0 D 0 0 A 4 A 0 D 0 ( S i n g l e a d d r e s s r e a d i n g ) ( S u c c e s s i v e a d d r e s s r e a d i n g ) W R X X X A 8 A 9 A 7 A 3 X X A 6 A 2 1 X A 5 A 1 1 A 9 A 4 A 0 0 A 8 |