| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
DM74LS132M bảng dữ liệu(PDF) 1 Page - SYC Electronica |
|
|
|||||||||||||||||||||||||||||
DM74LS132M bảng dữ liệu(HTML) 1 Page - SYC Electronica |
|
1 / 5 page ![]() 74LS132 Quad 2-Input NAND Gate with Schmitt Trigger Input General Description This device contains four independent gates each of which performs the logic NAND function. Each input has hystere- sis which increases the noise immunity and transforms a slowly changing input signal to a fast changing, jitter free output. Ordering Code: Devices also available in Tape and Reel. Specify by appending the suffix letter “X” to the ordering code. Connection Diagram Function Table Y = AB H = HIGH Logic Level L = LOW Logic Level Order Number Package Number Package Description DM74LS132M M14A 14-Lead Small Outline Integrated Circuit (SOIC), JEDEC MS-120, 0.150 Narrow DM74LS132SJ M14D 14-Lead Small Outline Package (SOP), EIAJ TYPE II, 5.3mm Wide DM74LS132N N14A 14-Lead Plastic Dual-In-Line Package (PDIP), JEDEC MS-001, 0.300 Wide Inputs Output AB Y LL H LH H HL H HH L www.sycelectronica.com.ar |
Số phần tương tự - DM74LS132M |
|
Mô tả tương tự - DM74LS132M |