công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

10741GD02TXCF bảng dữ liệu(PDF) 3 Page - Ashcroft, Inc.

tên linh kiện 10741GD02TXCF
Giải thích chi tiết về linh kiện  740/741 High Displacement Threaded Diaphragm Seal
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ASHCROFT [Ashcroft, Inc.]
Trang chủ  https://www.ashcroft.com/
Logo ASHCROFT - Ashcroft, Inc.

10741GD02TXCF bảng dữ liệu(HTML) 3 Page - Ashcroft, Inc.

  10741GD02TXCF Datasheet HTML 1Page - Ashcroft, Inc. 10741GD02TXCF Datasheet HTML 2Page - Ashcroft, Inc. 10741GD02TXCF Datasheet HTML 3Page - Ashcroft, Inc. 10741GD02TXCF Datasheet HTML 4Page - Ashcroft, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
ORDERING CODE
Example:
10
740
S
S
02T
XCK
NH
Process Connection Size
25 - ¼ NPT Female
50 - ½ NPT Female
75 - ¾ NPT Female
10 - 1 NPT Female
10
Diaphragm Type
740 - 740 High displacement seal, threaded process connection
740
741 - 741 High displacement seal, threaded process connection with flush port
Diaphragm Materials
S - 316L Stainless steel
S
P - Monel® 400
U - Tantalum
G - Hastelloy® B
H - Hastelloy® C-276
TI - Titanium
Bottom Housing Materials
S - 316L Stainless steel
S
M - Monel® 400
D - Carpenter 20®
G - Hastelloy® B
H - Hastelloy® C-276
J - Hastelloy® C-22
TI - Titanium
B - Steel
Instrument Connection Size
02T - 1⁄
4 NPT Female
02T
04T - 1⁄
2 NPT Female
Options (if choosing option(s) must include an “X”)
X__
Fill Fluid (See Table 1 on page 2 for more available fill fluids)
CK - 50 cSt Silicone
CK
CF - Halocarbon®
Optional Features
AW - Single 1⁄
2 NPT flushing connection (741 only)
DB - Dual 1⁄
2 NPT flushing connections (741 only)
DK - Dual 1⁄
4 NPT flushing connections (741 only)
MQ - Positive material indentification
DU - Instrument welded to seal, instrument must be like-material to top housing
PU - Pipe plug for flushing connection. Plug will match bottom housing material. Seals with flushing connections only
NH - Stainless steel tag wired to product
NH
HY - Hydrostatic testing
6B - Cleaned for oxygen service
When selecting an instrument, refer to the Min/Max Guide for compatibility with this diaphragm seal or scan the QR code to the right.
All specifications are subject to change without notice.
All sales subject to standard terms and conditions.
©2021 Ashcroft Inc. 740-741_seal_ds_RevB_01-21-21
ashcroft.com
info@ashcroft.com
1.800.328.8258
3 of 4
740/741 High Displacement Threaded Diaphragm Seal
Data Sheet



Html Pages

1 2 3 4


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com