công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

04501JS04T bảng dữ liệu(PDF) 3 Page - Ashcroft, Inc.

tên linh kiện 04501JS04T
Giải thích chi tiết về linh kiện  400/500 Threaded All-Welded Diaphragm Seal
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ASHCROFT [Ashcroft, Inc.]
Trang chủ  https://www.ashcroft.com/
Logo ASHCROFT - Ashcroft, Inc.

04501JS04T bảng dữ liệu(HTML) 3 Page - Ashcroft, Inc.

  04501JS04T Datasheet HTML 1Page - Ashcroft, Inc. 04501JS04T Datasheet HTML 2Page - Ashcroft, Inc. 04501JS04T Datasheet HTML 3Page - Ashcroft, Inc. 04501JS04T Datasheet HTML 4Page - Ashcroft, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
All specifications are subject to change without notice.
All sales subject to standard terms and conditions.
©2021 Ashcroft Inc. 400-500_Thread_Seal_ds_RevH_06-28-21
ashcroft.com
info@ashcroft.com
1.800.328.8258
Data Sheet
400/500 Threaded All-Welded Diaphragm Seal
of 4
3
TABLE 1 - OPTIONS
Code
Option
400
401
500
501
Notes
LD
Stainless steel locking device
•
•
PU
Pipe plug for flushing connection
•
•
Plug will match bottom housing material
HB
Hastelloy® C-276 upper housing
•
•
•
•
SE
SS rings and bolts
•
•
1,500 psi Max., 5,000 psi Max. with XHP
HP
High-pressure clamp rings
•
•
9,000 psi Max., 5,000 psi Max. with SE
6B
Cleaned for oxygen service
•
•
•
•
AW
Single ½ NPT flushing connection
•
•
¾ NPT Female or smaller process connection
DB
Dual ½ NPT flushing connections
•
•
¾ NPT Female or smaller process connection
DK
Dual ¼ NPT flushing connections
•
•
DU
Instrument welded to seal
•
•
•
•
MQ
Positive material identification
•
•
•
•
W1
Dye penetrant testing
•
•
•
•
CD-5
NACE compliance certificate
•
•
•
•
Stainless, Hastelloy®, or Monel® wetted materials
CD-6
Typical material certification
•
•
•
•
TABLE 2 - FILL FLUIDS
Fill Fluid
Temperature
Viscosity
(cSt)
Code
Notes
Syltherm® XLT
-150°F to 500°F (-100°C to 260°C)
1.4
CC
Low temperature applications
Glycerin (food grade)
0°F to 400°F (-18°C to 204°C)
1,300
CG
Direct-mounting only. Not for use with
vacuum service
50 cSt Silicone
-40°F to 500°F (-40°C to 260°C)
50
CK
Halocarbon® 4.2
-70°F to 300°F (-57°C to 199°C)
4.2
CF
For use with oxygen/oxidizing process
media
50/50 Ethylene Glycol/Water
-25°F to 190°F (-32°C to 88°C)
2.9
CT
Polypropylene Glycol
-50°F to 325°F (-46°C to 163°C)
54
CV
Food-grade Silicone
-40°F to 500°F (-40°C to 260°C)
350
CZ
10cSt Silicone
-40°F to 500°F (-40°C to 260°C)
10
DJ
Distilled Water
40°F to 185°F (4°C to 85°C)
0.9
FJ
Ethylene Glycol
20°F to 325°F (-7°C to 163°C)
14
FK
50/50 Glycerin/Water
15°F to 200°F (-9°C to 93°C)
30
GH
80/20 Glycerin/Water
15°F to 225°F (-9°C to 107°C)
270
GR
Slytherm® 800
-40°F to 750°F (-40°C to 400°C)
10
HA
High temperature applications
Calflo® AF
-20°F to 600°F (-29°C to 316°C)
60
KF
High temperature, silicone-free
Mineral Oil
10°F to 400°F (-12°C to 204°C)
75
MY
Neobee® M-20
5°F to 400°F (-15°C to 204°C)
9.5
NM
Food grade
95/5 Water/Propylene Glycol
40°F to 185°F (4°C to 85°C)
1.0
PY



Html Pages

1 2 3 4


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com