công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SC4510ITSTRT bảng dữ liệu(PDF) 12 Page - Semtech Corporation

tên linh kiện SC4510ITSTRT
Giải thích chi tiết về linh kiện  High Performance Synchronous Buck Controller With Reference Tracking
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  SEMTECH [Semtech Corporation]
Trang chủ  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC4510ITSTRT bảng dữ liệu(HTML) 12 Page - Semtech Corporation

Back Button SC4510ITSTRT Datasheet HTML 8Page - Semtech Corporation SC4510ITSTRT Datasheet HTML 9Page - Semtech Corporation SC4510ITSTRT Datasheet HTML 10Page - Semtech Corporation SC4510ITSTRT Datasheet HTML 11Page - Semtech Corporation SC4510ITSTRT Datasheet HTML 12Page - Semtech Corporation SC4510ITSTRT Datasheet HTML 13Page - Semtech Corporation SC4510ITSTRT Datasheet HTML 14Page - Semtech Corporation SC4510ITSTRT Datasheet HTML 15Page - Semtech Corporation SC4510ITSTRT Datasheet HTML 16Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
12
© 2004 Semtech Corp.
www.semtech.com
SC4510
POWER MANAGEMENT
Application Information
COMBI-SENSE OPERATION AND CURRENT LIMIT
Effective current sensing is important for the current mode
control of power convertors. Instead of using the traditional
lossy resistive current sense scheme, a novel lossless
Combi-Sense technique is used in SC4510. This SEMTECH
proprietary technology has the advantages of
1) lossless current sensing,
2) bigger signal-to-noise ratio, and
3) thermal run-away prevention.
The basic structure of the Combi-Sense is shown in Fig.1.
Where R
L is the equivalent resistance of the output inductor.
The added R
s and Cs form the RC branch in “parallel” with
the output inductor for inductor current sensing. This
branch works with a small signal totem pole (Q3 and Q4)
integrated in SC4510 in order to improve the signal-to-noise
ratio. The base signals Vbe3 and Vbe4 are designed to
closely follow the gate signals Vgs1 and Vgs2, respectively.
Ideally, the leading and falling edges of the Virtual Phase
Node (VPN) follow that of the Phase Node (PH) when Q1~Q4
switch in perfect synchronism.
Fig.1 The Basic Structure of Combi-Sense.
When Q1/Q3 turn ON and Q2/Q4 turn OFF, the equivalent
circuit of Fig.1 is shown in Fig. 2a). Where, Rds1 is the on-
resistance of the top MOSFET. The two branches, consisting
of {(Rds1+RL), L} and {R
s, CS}, are in parallel. The DC voltage
drop (Rds1+RL)I
o equals VCs. In this way, the output current
is sensed from V
Cs when (Rds1+RL) is known.
Q1
Q2
Cin
Cout
RL
Rload
Rs
Vo
Vin
Cs
vC(t)
L
iL(t)
Q3
Q4
VPN
Vbe4
Vbe3
Vgs2
Vgs1
PN
When Q1/Q3 turn OFF and Q2/Q4 turn ON, the equivalent
circuit of Fig.1 becomes the sub-circuit as shown in Fig.
2b). Where Rds2 is the channel resistance of the bottom
MOSFET. In this case, the branch {R
s,Cs} is in parallel with
{(Rds2+RL), L} and V
Cs=(Rds2+RL)Io.
Fig.2 a) Equivalent sub-circuit.
When averaged over a complete cycle,
V
Cs = [D(Rds1+RL)+(1-D)(Rds2+RL)] Io
= [D Rds1+(1-D)Rds2+RL]I
o
= R
eqIo.
D is the operating duty ratio. It is noted that the average
DC value in V
Cs is independent of the value of L, Rs and Cs.
If only the average load current information is needed (such
as in average current mode control), this current sensing
method is effective without further requirements.
Cin
Cout
RL
Rload
Rs
Vo
Vin
Cs
vC(t)
L
iL(t)
PN
Rds1
VPN
Cin
Cout
RL
Rload
Rs
Vo
Vin
Cs
vC(t)
L
iL(t)
PN
Rds2
VPN
Fig.2 b) Equivalent sub-circuit.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com