| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
SH3003 bảng dữ liệu(PDF) 22 Page - Semtech Corporation |
|
|
|||||||||||||||||||||||||||||
SH3003 bảng dữ liệu(HTML) 22 Page - Semtech Corporation |
|
22 / 30 page ![]() 22 ©2006 Semtech Corp. SH3003 www.semtech.com Not authorized for release outside of Semtech - DRAFT POWER MANAGEMENT Application Information (continued) 1. INT disabled, uP initiates write access. Active high interrupt. uBuddyIOOut uPIOOut A0 A4 XXX D0 D7 ... CombinedIO A0 A4 XXX D0 D7 ... ... 2. INT active (high), uP initiates write access uBuddyIOOut uPIOOut CombinedIO XXX State Idle Pre- start Start Post- Start A0 A4 Guard0 D0 D7 ... ... Guard1 Idle XXX State If the interrupt did not get cleared, then it will activate again here 4. INT disabled, uP initiates read access uBuddyIOOut uPIOOut A0 A4 XXX ... CombinedIO A0 A4 XXX D0 D7 ... ... State Idle Pre- start Start Post- Start A0 A4 Guard0 D0 D7 ... ... Guard2 Idle D0 D7 ... P0 P1 P0 P1 P0 P1 P0 P1 P0 P1 P0 P1 ACK0 ACK1 ACK0 ACK1 ACK0 ACK1 RW0 RW1 RW2 A0 A4 XXX D0 D7 ... A0 A4 XXX D0 D7 ... ... XXX Pre- start Start Post- Start A0 A4 Guard0 D0 D7 ... ... Guard1 XXX P0 P1 P0 P1 P0 P1 ACK0 ACK1 ACK0 ACK1 RW0 RW1 RW2 ACK0 ACK1 Guard2 Guard3 Guard2 Guard3 Pendin g-start IN T Idle Pendin g-start IN T 3. INT active (low), uP initiates write access uBuddyIOOut uPIOOut CombinedIO State If the interrupt did not get cleared, then it will activate again here A0 A4 XXX D0 D7 ... A0 A4 XXX D0 D7 ... ... XXX Pre- start Start Post- Start A0 A4 Guard0 D0 D7 ... ... Guard1 XXX P0 P1 P0 P1 P0 P1 ACK0 ACK1 ACK0 ACK1 RW0 RW1 RW2 Guard2 Guard3 Pendin g-start IN T Idle Pendin g-start IN T ACK0 ACK1 RW0 RW1 RW2 Guard3 IO/INT Timing Scenarios Figure 7. Serial Communication Timing Diagram |