công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SC2463TSTRT bảng dữ liệu(PDF) 15 Page - Semtech Corporation

tên linh kiện SC2463TSTRT
Giải thích chi tiết về linh kiện  High Performance Quad Output Switching Regulator
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  SEMTECH [Semtech Corporation]
Trang chủ  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC2463TSTRT bảng dữ liệu(HTML) 15 Page - Semtech Corporation

Back Button SC2463TSTRT Datasheet HTML 11Page - Semtech Corporation SC2463TSTRT Datasheet HTML 12Page - Semtech Corporation SC2463TSTRT Datasheet HTML 13Page - Semtech Corporation SC2463TSTRT Datasheet HTML 14Page - Semtech Corporation SC2463TSTRT Datasheet HTML 15Page - Semtech Corporation SC2463TSTRT Datasheet HTML 16Page - Semtech Corporation SC2463TSTRT Datasheet HTML 17Page - Semtech Corporation SC2463TSTRT Datasheet HTML 18Page - Semtech Corporation SC2463TSTRT Datasheet HTML 19Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 23 page
background image
15
 2007 Semtech Corp.
www.semtech.com
SC2463
POWER MANAGEMENT
Applications Information (Cont.)
When two channels with a common input are interleaved,
the total DC input current is simply the sum of the
individual DC input currents. The combined input current
waveform depends on duty ratio and the output current
waveform. Assuming that the output current ripple is
small, the following formula can be used to estimate the
RMS value of the ripple current in the input capacitor.
Let the duty ratio and output current of Channel 1 and
Channel 2 be D
1, D2 and Io1, Io2, respectively.
If D
1<0.5 and D2<0.5, then
.
I
D
I
D
I
2
2
o
2
2
1
o
1
Cin
+
≈
If D
1>0.5 and (D1-0.5) < D2<0.5, then
.
I)
5
.
0
D
D
(
)
I
I
)(
5
.
0
D
(
I
5
.
0
I
2
2
o
1
2
2
2
o
1
o
1
2
1
o
Cin
+
−
+
+
−
+
≈
If D
1>0.5 and D2 < (D1-0.5) < 0.5, then
.
I)
5
.
0
D
D
(
)
I
I
(
D
I
5
.
0
I
2
2
o
2
1
2
2
o
1
o
2
2
1
o
Cin
−
−
+
+
+
≈
If D
1>0.5 and D2 > 0.5, then
.
I)
D
1
(
I)
D
1
(
)
I
I
)(
1
D
D
(
I
2
2
o
1
2
1
o
2
2
2
o
1
o
2
1
Cin
−
+
−
+
+
−
+
≈
Choosing P
Choosing P
Choosing P
Choosing P
Choosing Pooooow
w
w
w
wer MOSFET
er MOSFET
er MOSFET
er MOSFET
er MOSFETsssss
Main considerations in selecting the MOSFETs are power
dissipation, cost and packaging. Switching losses and
conduction losses of the MOSFETs are directly related to
the total gate charge (C
g) and channel on-resistance
(R
ds(on)). In order to judge the performance of MOSFETs,
the product of the total gate charge and on-resistance is
used as a figure of merit (FOM). Transistors with the same
FOM follow the same curve in Figure 5.
The closer the curve is to the origin, the lower is the FOM.
This means lower switching loss or lower conduction loss
or both. It may be difficult to find MOSFETs with both low
C
g and low Rds(on. Usually a trade-off between Rds(on and
C
g has to be made.
0
5
10
15
20
0
20
40
FOM:100*10^{-12}
FOM:200*10^{-12}
FOM:500*10^{-12}
On-resistance (mOhm)
50
1
Cg 100 Rds
,
()
Cg 200 Rds
,
()
Cg 500 Rds
,
()
20
1
Rds
Figure 5. Figure of Merit curves
MOSFET selection also depends on applications. In many
applications, either switching loss or conduction loss
dominates for a particular MOSFET. For synchronous buck
converters with high input to output voltage ratios, the
top MOSFET is hard switched but conducts with very low
duty cycle. The bottom switch conducts at high duty cycle
but switches at near zero voltage. For such applications,
MOSFETs with low C
g are used for the top switch and
MOSFETs with low R
ds(on) are used for the bottom switch.
MOSFET power dissipation consists of
a) conduction loss due to the channel resistance R
ds(on),
b) switching loss due to the switch rise time t
r and fall
time t
f, and
c) the gate loss due to the gate resistance R
G.
Top Switch:
The RMS value of the top switch current is calculated as
.
)
1
(
D
I
I
12
o
rms
,
1
Q
2
δ
+
=
The conduction losses are then
P
tc = IQ1,rms
2
R
ds(on).
R
ds(on) varies with temperature and gate-source voltage.
Curves showing R
ds(on) variations can be found in
manufacturers’ data sheet. From the Si4860
datasheet, R
ds(on) is less than 8mW when Vgs is greater
than 10V. However R
ds(on) increases by 50% as the
junction temperature increases from 25oC to 110oC.
The switching losses can be estimated using the simple
formula



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com