công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SC1456XIMSTR bảng dữ liệu(PDF) 1 Page - Semtech Corporation

tên linh kiện SC1456XIMSTR
Giải thích chi tiết về linh kiện  Dual 150mA Ultra Low Dropout, Low Noise Regulator
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  SEMTECH [Semtech Corporation]
Trang chủ  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC1456XIMSTR bảng dữ liệu(HTML) 1 Page - Semtech Corporation

  SC1456XIMSTR Datasheet HTML 1Page - Semtech Corporation SC1456XIMSTR Datasheet HTML 2Page - Semtech Corporation SC1456XIMSTR Datasheet HTML 3Page - Semtech Corporation SC1456XIMSTR Datasheet HTML 4Page - Semtech Corporation SC1456XIMSTR Datasheet HTML 5Page - Semtech Corporation SC1456XIMSTR Datasheet HTML 6Page - Semtech Corporation SC1456XIMSTR Datasheet HTML 7Page - Semtech Corporation SC1456XIMSTR Datasheet HTML 8Page - Semtech Corporation SC1456XIMSTR Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
POWER MANAGEMENT
1
www.semtech.com
SC1456
Dual 150mA Ultra Low
Dropout, Low Noise Regulator
Revision: November 16, 2005
The SC1456 contains two low dropout linear regulators
that operate from a +2.5V to +6V input range and
deliver up to 150mA. PMOS pass transistors allow a low
110µA supply current per device to remain independent
of load, making these devices ideal for battery operated
portable equipment such as cellular phones, cordless
phones and personal digital assistants.
Each device can be powered from a separate supply
voltage or the same supply voltage for maximum
flexibility. The output voltage of each device can be
preset or adjusted with an external resistor divider. Other
features include independant low powered shutdown,
short circuit protection, thermal shutdown protection and
reverse battery protection for each regulator. The
SC1456 comes in the tiny 10 lead MSOP package (lead
free, fully WEEE and RoHS compliant available).
Battery Powered Systems
Cellular Telephones
Cordless Telephones
Personal Digital Assistants
Portable Instrumentation
Modems
PCMCIA cards
Two guaranteed 150 mA outputs
Designed to operate with ceramic capacitors
Fixed or adjustable outputs
Very small external components
Low 75µV
RMS output noise
Very low supply currents
Thermal overload protection
Reverse battery protection
Individual low power shutdown
Full industrial temperature range
Surface mount packaging (10 pin MSOP)
VOUT1 = PRESET
VOUT2 = PRESET
VIN2
VIN1
C1
1uF
C4
1uF
C2
1uF
C3
1uF
U1
SC1456
1
2
3
4
5
6
7
8
9
10
EN1
GND
SET1
OUT2
IN2
EN2
GND
SET2
OUT1
IN1
(OR VIN1)
VOUT1 (SEE EQUATION)
VOUT2 = PRESET
VIN1
VIN2
U1
SC1456
1
2
3
4
5
6
7
8
9
10
EN1
GND
SET1
OUT2
IN2
EN2
GND
SET2
OUT1
IN1
C1
1uF
C3
2.2uF
C4
1uF
C2
1uF
R1
R2
(OR VIN1)
Description
Features
Applications
Typical Application Circuits
Ω
≤
 +
•
=
k
120
2
R
2
R
1
R
1
250
.
1
V
1
OUT
Output Voltages Set Internally
Output 1 Set Externally and Output 2 Set Internally


Số phần tương tự - SC1456XIMSTR

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Semtech Corporation
SC1456XIMSTR SEMTECH-SC1456XIMSTR Datasheet
68Kb / 5P
Dual 150mA ULTRA LOW DROPOUT, LOW NOISE REGULATOR
More results

Mô tả tương tự - SC1456XIMSTR

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
National Semiconductor ...
LP2966 NSC-LP2966 Datasheet
456Kb / 15P
Dual 150mA Ultra Low-Dropout Regulator
logo
Semtech Corporation
SC1454 SEMTECH-SC1454 Datasheet
298Kb / 14P
Dual 150mA Ultra Low Dropout, Low Noise Regulator
SC1456 SEMTECH-SC1456 Datasheet
68Kb / 5P
Dual 150mA ULTRA LOW DROPOUT, LOW NOISE REGULATOR
SC8863 SEMTECH-SC8863 Datasheet
92Kb / 9P
150mA ULTRA LOW DROPOUT, LOW NOISE REGULATOR
logo
ADDtek Corp
AMC8878 ADDTEK-AMC8878 Datasheet
271Kb / 9P
LOW NOISE 150mA LOW DROPOUT REGULATOR
JUNE 2006
logo
Semtech Corporation
SC1454 SEMTECH-SC1454_05 Datasheet
250Kb / 14P
Dual 150mA Ultra Low Dropout, Low Noise Regulator
SC8863 SEMTECH-SC8863_05 Datasheet
224Kb / 11P
150mA Ultra Low Dropout, Low Noise Regulator
logo
Texas Instruments
LP2966IMMX-3325 TI-LP2966IMMX-3325 Datasheet
1Mb / 21P
Dual 150mA Ultra Low-Dropout Regulator
logo
Union Semiconductor, In...
UM1330 UNIONSEMI-UM1330 Datasheet
634Kb / 14P
150mA, Low Noise, Low Dropout Regulator
logo
Texas Instruments
LP2966 TI-LP2966_15 Datasheet
1Mb / 22P
Dual 150mA Ultra Low-Dropout Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com