| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
HT48R52 bảng dữ liệu(PDF) 21 Page - Holtek Semiconductor Inc |
|
|
|||||||||||||||||||||||||||||
HT48R52 bảng dữ liệu(HTML) 21 Page - Holtek Semiconductor Inc |
|
21 / 35 page ![]() Instruction Definition ADC A,[m] Add data memory and carry to the accumulator Description The contents of the specified data memory, accumulator and the carry flag are added si- multaneously, leaving the result in the accumulator. Operation ACC ¬ ACC+[m]+C Affected flag(s) TO PDF OV Z AC C ¾ ¾ ÖÖÖÖ ADCM A,[m] Add the accumulator and carry to data memory Description The contents of the specified data memory, accumulator and the carry flag are added si- multaneously, leaving the result in the specified data memory. Operation [m] ¬ ACC+[m]+C Affected flag(s) TO PDF OV Z AC C ¾ ¾ ÖÖÖÖ ADD A,[m] Add data memory to the accumulator Description The contents of the specified data memory and the accumulator are added. The result is stored in the accumulator. Operation ACC ¬ ACC+[m] Affected flag(s) TO PDF OV Z AC C ¾ ¾ ÖÖÖÖ ADD A,x Add immediate data to the accumulator Description The contents of the accumulator and the specified data are added, leaving the result in the accumulator. Operation ACC ¬ ACC+x Affected flag(s) TO PDF OV Z AC C ¾ ¾ ÖÖÖÖ ADDM A,[m] Add the accumulator to the data memory Description The contents of the specified data memory and the accumulator are added. The result is stored in the data memory. Operation [m] ¬ ACC+[m] Affected flag(s) TO PDF OV Z AC C ¾ ¾ ÖÖÖÖ HT48R52/HT48R53 Rev. 1.20 21 December 6, 2005 |