| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
HT46R64 bảng dữ liệu(PDF) 3 Page - Holtek Semiconductor Inc |
|
|
|||||||||||||||||||||||||||||
HT46R64 bảng dữ liệu(HTML) 3 Page - Holtek Semiconductor Inc |
|
3 / 48 page ![]() Pin Assignment Note: The 52-pin QFP package does not support the charge pump (C type bias) of the LCD. The LCD bias type must select the R type by option. HT46R64/HT46C64 Rev. 1.80 3 February 14, 2006 H T 4 6 R 6 4 / H T 4 6 C 6 4 1 0 0 Q F P - A 1 2 3 4 5 6 7 8 9 1 0 1 1 1 2 1 3 1 4 1 5 1 6 1 7 1 8 1 9 2 0 2 1 2 2 2 3 2 4 2 5 2 6 2 7 2 8 2 9 3 0 3 1 3 2 3 3 3 4 3 5 3 6 3 7 3 8 3 9 4 0 4 1 4 2 4 3 4 4 4 5 4 6 4 7 4 8 4 9 5 0 8 1 8 2 8 3 8 4 8 5 8 6 8 7 8 8 8 9 9 0 9 1 9 2 9 3 9 4 9 5 9 6 9 7 9 8 9 9 1 0 0 8 0 7 9 7 8 7 7 7 6 7 5 7 4 7 3 7 2 7 1 7 0 6 9 6 8 6 7 6 6 6 5 6 4 6 3 6 2 6 1 6 0 5 9 5 8 5 7 5 6 5 5 5 4 5 3 5 2 5 1 P A 5 N C N C N C N C N C P A 6 P A 7 P B 0 / A N 0 P B 1 / A N 1 P B 2 / A N 2 P B 3 / A N 3 P B 4 / A N 4 P B 5 / A N 5 P B 6 / A N 6 P B 7 / A N 7 V S S P D 0 / P W M 0 P D 1 / P W M 1 P D 2 / P W M 2 P D 3 / P W M 3 P D 4 / I N T 0 P D 5 / I N T 1 P D 6 / T M R 0 P D 7 / T M R 1 N C N C N C N C N C S E G 1 S E G 2 S E G 3 N C N C N C S E G 4 S E G 5 S E G 6 S E G 7 S E G 8 S E G 9 S E G 1 0 S E G 1 1 S E G 1 2 S E G 1 3 S E G 1 4 S E G 1 5 S E G 1 6 S E G 1 7 S E G 1 8 S E G 1 9 S E G 2 0 S E G 2 1 N C N C N C N C N C N C 5 6 5 5 5 4 5 3 5 2 5 1 5 0 4 9 4 8 4 7 4 6 4 5 4 4 4 3 4 2 4 1 4 0 3 9 3 8 3 7 3 6 3 5 3 4 3 3 3 2 3 1 3 0 2 9 1 2 3 4 5 6 7 8 9 1 0 1 1 1 2 1 3 1 4 1 5 1 6 1 7 1 8 1 9 2 0 2 1 2 2 2 3 2 4 2 5 2 6 2 7 2 8 H T 4 6 R 6 4 / H T 4 6 C 6 4 5 6 S S O P - A P A 0 / B Z P A 1 / B Z P A 2 P A 3 / P F D P A 4 P A 5 P A 6 P A 7 P B 0 / A N 0 P B 1 / A N 1 P B 2 / A N 2 P B 3 / A N 3 P B 4 / A N 4 P B 5 / A N 5 V S S P D 0 / P W M 0 P D 1 / P W M 1 P D 2 / P W M 2 P D 4 / I N T 0 P D 5 / I N T 1 P D 6 / T M R 0 V L C D V M A X V 1 V 2 C 1 C 2 C O M 0 R E S O S C 1 O S C 2 V D D O S C 3 O S C 4 S E G 8 S E G 9 S E G 1 0 S E G 1 1 S E G 1 2 S E G 1 3 S E G 1 4 S E G 1 5 S E G 1 6 S E G 1 7 S E G 1 8 S E G 1 9 S E G 2 0 S E G 2 1 S E G 2 2 S E G 2 3 S E G 2 4 S E G 2 5 S E G 2 6 C O M 3 / S E G 3 2 C O M 2 C O M 1 P A 5 P A 6 P A 7 P B 0 / A N 0 P B 1 / A N 1 P B 2 / A N 2 P B 3 / A N 3 P B 4 / A N 4 P B 5 / A N 5 V S S P D 0 / P W M 0 P D 1 / P W M 1 P D 2 / P W M 2 S E G 1 1 S E G 1 2 S E G 1 3 S E G 1 4 S E G 1 5 S E G 1 6 S E G 1 7 S E G 1 8 S E G 1 9 S E G 2 0 S E G 2 1 S E G 2 2 S E G 2 3 1 2 3 4 5 6 7 8 9 1 0 1 1 1 2 1 3 1 4 1 5 1 6 1 7 1 8 1 9 2 0 2 1 2 2 3 4 3 5 3 6 3 7 3 8 3 9 4 8 4 9 5 0 5 1 5 2 2 3 2 4 2 5 2 6 2 7 2 8 2 9 3 0 3 1 3 2 3 3 H T 4 6 R 6 4 / H T 4 6 C 6 4 5 2 Q F P - A 4 0 4 1 4 2 4 3 4 4 4 5 4 6 4 7 |