công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SC1404ISSTR bảng dữ liệu(PDF) 1 Page - Semtech Corporation

tên linh kiện SC1404ISSTR
Giải thích chi tiết về linh kiện  Mobile Multi-Output PWM Controller with Virtual Current SenseTM
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  SEMTECH [Semtech Corporation]
Trang chủ  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC1404ISSTR bảng dữ liệu(HTML) 1 Page - Semtech Corporation

  SC1404ISSTR Datasheet HTML 1Page - Semtech Corporation SC1404ISSTR Datasheet HTML 2Page - Semtech Corporation SC1404ISSTR Datasheet HTML 3Page - Semtech Corporation SC1404ISSTR Datasheet HTML 4Page - Semtech Corporation SC1404ISSTR Datasheet HTML 5Page - Semtech Corporation SC1404ISSTR Datasheet HTML 6Page - Semtech Corporation SC1404ISSTR Datasheet HTML 7Page - Semtech Corporation SC1404ISSTR Datasheet HTML 8Page - Semtech Corporation SC1404ISSTR Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 25 page
background image
1
www.semtech.com
SC1404
Mobile Multi-Output PWM Controller
with Virtual Current SenseTM
POWER MANAGEMENT
Description
Features
Applications
Typical Application Circuit
The SC1404 is a multiple-output power supply controller designed
for battery operated systems. The SC1404 provides synchronous
rectified buck converter control for two power supplies. An effi-
ciency of 95% can be achieved. The SC1404 uses Semtech’s
proprietary Virtual Current SenseTM technology along with external
error amplifier compensation to achieve enhanced stability and
DC accuracy over a wide range of output filter components while
maintaining fixed frequency operation. The SC1404 also pro-
vides two linear regulators for system housekeeping. The 5V lin-
ear regulator takes its input from the battery; for efficiency, the
output is switched to the 5V output when available. The 12V lin-
ear regulator output is generated from a coupled inductor off the
5V switching regulator.
Control functions include: power up sequencing, soft start, power-
good signaling, and frequency synchronization. Line and load
regulation is to +/-1% of the output voltage. The internal oscilla-
tor can be adjusted to 200 kHz or 300 kHz or synchronized to an
external clock. The mosfet drivers provide >1A peak drive current
for fast mosfet switching.
The SC1404 includes a PSAVE# input to select pulse skipping
mode for high efficiency at light load, or fixed frequency mode for
low noise operation.
6 to 30V input range (operation possible below 6V)
3.3V and 5V dual synchronous outputs
Fixed-frequency or PSAVE for maximum efficiency over
wide load current range
5V/50mA linear regulator
12V/200mA linear regulator
Virtual Current Sense
TM for enhanced stability
Accurate low-loss current limiting
Out-of-phase switching reduces input capacitance
External compensation supports wide range of
output filter components for reduced cost
Programmable power-up sequence
Power Good output
Output overvoltage & overcurrent protection with output
undervoltage shutdown
4µA typical shutdown current
6mW typical quiescent power
Notebook and Subnotebook Computers
Automotive Electronics
Desktop DC-DC Converters
Revision: May 19, 2004


Số phần tương tự - SC1404ISSTR

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Semtech Corporation
SC1404ISSTR SEMTECH-SC1404ISSTR Datasheet
501Kb / 27P
Mobile Multi-Output PWM Controller with Virtual Current Sense
More results

Mô tả tương tự - SC1404ISSTR

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Fairchild Semiconductor
FAN5236 FAIRCHILD-FAN5236 Datasheet
199Kb / 20P
Dual Mobile-Friendly DDR / Dual-output PWM Controller
logo
Intersil Corporation
ISL6224 INTERSIL-ISL6224 Datasheet
378Kb / 13P
Single Output Mobile-Friendly PWM Controller
December 28, 2004
logo
Semtech Corporation
SC1403 SEMTECH-SC1403 Datasheet
567Kb / 30P
Mobile Multi-Output PWM Controller with Virtual Current SenseTM
SC1404 SEMTECH-SC1404 Datasheet
501Kb / 27P
Mobile Multi-Output PWM Controller with Virtual Current Sense
logo
Fairchild Semiconductor
FAN5236 FAIRCHILD-FAN5236_04 Datasheet
234Kb / 20P
Dual Mobile-Friendly DDR / Dual-output PWM Controller
logo
Intersil Corporation
ISL6224 INTERSIL-ISL6224_06 Datasheet
248Kb / 13P
Single Output Mobile-Friendly PWM Controller
June 8, 2006
logo
Semtech Corporation
SC1403 SEMTECH-SC1403_04 Datasheet
560Kb / 31P
Mobile Multi-Output PWM Controller with Lossless Current Sense
logo
Fairchild Semiconductor
FAN5236 FAIRCHILD-FAN5236_10 Datasheet
501Kb / 19P
Dual Mobile-Friendly DDR / Dual-Output PWM Controller
logo
Renesas Technology Corp
ISL6224 RENESAS-ISL6224 Datasheet
619Kb / 13P
Single Output Mobile-Friendly PWM Controller
logo
ON Semiconductor
FAN5236 ONSEMI-FAN5236 Datasheet
453Kb / 19P
Dual Mobile-Friendly DDR / Dual-Output PWM Controller
Nov ember-2017, Rev. 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com