| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
SC1302C bảng dữ liệu(PDF) 5 Page - Semtech Corporation |
|
|
|||||||||||||||||||||||||||||
SC1302C bảng dữ liệu(HTML) 5 Page - Semtech Corporation |
|
5 / 10 page ![]() 5 2005 Semtech Corp. www.semtech.com POWER MANAGEMENT SC1302A/B/C/D/E/F Pin Configuration Ordering Information r e b m u N t r a P ) 2 ( e g a k c a P ) 1 ( T ( e g n a R . p m e T A) T R T S I A 2 0 3 1 C S 8 - C I O SC ° 5 2 1 + o t C ° 0 4 - T R T S I B 2 0 3 1 C S T R T S I C 2 0 3 1 C S T R T S D 2 0 3 1 C S T R T S E 2 0 3 1 C S T R T S F 2 0 3 1 C S T R T S M I A 2 0 3 1 C S 8 - P O S MC ° 5 2 1 + o t C ° 0 4 - T R T S M I B 2 0 3 1 C S T R T S M I C 2 0 3 1 C S Notes: (1) Only available in tape and reel packaging. A reel contains 2500 devices. (2) Lead free product.This product is fully WEEE and RoHS compliant. Top View SC1302A/D (Dual Non-Inverting) (8-Pin SOIC (A/D) or MSOP (A only) Top View SC1302C/F (Inverting + Non-Inverting) Top View SC1302B/E (Dual Inverting) 1 2 3 4 SHDN/NC EN/NC 5 6 7 8 OUTA INA VCC GND OUTB INB 1 2 3 4 SHDN/NC EN/NC 5 6 7 8 OUTA INA VCC GND OUTB INB 1 2 3 4 SHDN/NC EN/NC 5 6 7 8 OUTA INA VCC GND OUTB INB (8-Pin SOIC (B/E) or MSOP (B only) (8-Pin SOIC (C/F) or MSOP (C only) |