| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
SC486IMLTRT bảng dữ liệu(PDF) 22 Page - Semtech Corporation |
|
|
|||||||||||||||||||||||||||||
SC486IMLTRT bảng dữ liệu(HTML) 22 Page - Semtech Corporation |
|
22 / 26 page ![]() 22 2006 Semtech Corp. www.semtech.com SC486 POWER MANAGEMENT Layout Guidelines (Cont.) Next, looking at the switcher power section, the schematic in Figure 10 below shows the power section for VDDQ: + C14 220u/15m + C13 220u/15m VDDQ C5 2n2/50V VBAT L1 1u5 C6 0u1/25V C7 10u/25V C8 10u/25V S 1 S 2 S 3 G 4 D 5 D 6 D 7 D 8 Q1 IRF7811AV S 1 S 2 S 3 G 4 D 5 D 6 D 7 D 8 Q2 FDS6676S Figure 10: VDDQ Power Section and Input Loop The highest di/dts occur in the input loop (highlighted in red) and thus this should be kept as small as possible. The input capacitors should be placed with the highest frequency capacitors closest to the loop to reduce EMI. Use large copper pours to minimize losses and parasitics. See Figure 11 below for an example. Figure 11: Example VDDQ Power Section Layout |