công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SC600AIMSTRT bảng dữ liệu(PDF) 12 Page - Semtech Corporation

tên linh kiện SC600AIMSTRT
Giải thích chi tiết về linh kiện  mAhXLifeTM LED Driver with 5.0V, 4.5V, or 4.0V Output
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  SEMTECH [Semtech Corporation]
Trang chủ  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC600AIMSTRT bảng dữ liệu(HTML) 12 Page - Semtech Corporation

Back Button SC600AIMSTRT Datasheet HTML 8Page - Semtech Corporation SC600AIMSTRT Datasheet HTML 9Page - Semtech Corporation SC600AIMSTRT Datasheet HTML 10Page - Semtech Corporation SC600AIMSTRT Datasheet HTML 11Page - Semtech Corporation SC600AIMSTRT Datasheet HTML 12Page - Semtech Corporation SC600AIMSTRT Datasheet HTML 13Page - Semtech Corporation SC600AIMSTRT Datasheet HTML 14Page - Semtech Corporation SC600AIMSTRT Datasheet HTML 15Page - Semtech Corporation SC600AIMSTRT Datasheet HTML 16Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 19 page
background image
12
© 2006 Semtech Corp.
www.semtech.com
POWER MANAGEMENT
SC600
Applications Information (Cont.)
where:
V
O = output voltage
I
O = output currrent
mode = 1.5x or 2x
V
IN = input voltage
I
Q = quiescent current
(from Electrical Characteristics on page 2)
The mode may be identified by measuring input current
and output current and calculating as mode = I
IN/IOUT.
Alternately, the mode can be identified by identifying
the voltage at the bucket capacitor, CF1 with an
oscilloscope.
Calculating Power Dissipation
The power dissipated by the SC600 is calculated as,
P
D = PIN - POUT
P
D = VIN · (mode IO + IQ) - VO · IO
Suggested Capacitors
The following is a short list of some of the manufacturers
and types of multi-layer ceramic capacitors that are sug-
gested for the SC600.
Short-Circuit and Over-Temperature Protection
The output current is limited to 600mA to protect against
short-circuit conditions. Over-temperature protection is
also provided.
Design and Layout Considerations
The layout example on page 15 uses the 1206 case size
for the capacitors, so a smaller layout area is possible.
The bucket capacitors and the SC600 are on the same
side of the card. To minimize trace inductance, traces are
short and wide with no vias to the bucket capacitors. The
input and output caps are on the bottom side directly un-
der the SC600 and vias are used to connect directly to
copper shapes used for the input and output. The input
and output capacitors and Pin 8 should be connected to
ground very near the SC600.
r
e
r
u
t
c
a
f
u
n
a
Mr
e
b
m
u
N
t
r
a
P]
F
μ
[
e
c
n
a
t
i
c
a
p
a
Ce
p
y
T
c
i
r
t
c
e
l
e
i
De
z
i
S
e
g
a
k
c
a
P
A
I
Ee
g
a
t
l
o
V
g
n
i
t
a
R
X
V
AK
5
2
2
C
Z
5
0
8
02
.
2R
7
X5
0
8
0V
0
1
X
V
AK
5
0
1
C
Z
5
0
8
00
.
1R
7
X5
0
8
0V
0
1
X
V
AK
4
3
3
C
Z
5
0
8
03
3
.
0R
7
X5
0
8
0V
0
1
c
i
n
o
s
a
n
a
PK
5
2
2
J
0
B
Y
2
J
C
E2
.
2R
5
X5
0
8
0V
3
.
6
c
i
n
o
s
a
n
a
P5
0
1
A
1
B
Y
2
J
C
E0
.
1R
7
X5
0
8
0V
0
1
c
i
n
o
s
a
n
a
PK
5
0
1
J
0
B
V
1
J
C
E0
.
1R
5
X2
0
4
0V
3
.
6
c
i
n
o
s
a
n
a
PK
4
3
3
J
0
B
V
1
J
C
E3
3
.
0R
5
X3
0
6
0V
3
.
6
K
D
T5
0
1
A
1
R
5
X
8
0
6
1
C0
.
1R
5
X3
0
6
0V
0
1
K
D
TZ
6
0
1
A
1
V
5
Y
2
0
2
1
C0
.
1R
5
X5
0
8
0V
0
1
K
D
Tk
4
3
3
A
1
R
5
X
8
0
6
1
C3
3
.
0R
5
X3
0
6
0V
0
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com