| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AM263P2ACOLFZCZR bảng dữ liệu(PDF) 45 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
AM263P2ACOLFZCZR bảng dữ liệu(HTML) 45 Page - Texas Instruments |
|
45 / 164 page ![]() Table 5-1. Pin Attributes (ZCZ_C, ZCZ_S, ZCZ_F Packages) (continued) ZCZ_C BALL NUMBE R [1] ZCZ_S BALL NUMBE R [1] ZCZ_F BALL NUMBE R [1] BALL NAME [2]/ IOMUX REGISTER [14]/ ADDRESS [15]/ DEFAULT VALUE [16] SIGNAL NAME [3] MUX MODE [4] TYPE [5] BALL STATE DURING RESET RX/TX/PULL [6] BALL STATE AFTER RESET RX/TX/PULL [7] MUX MODE AFTER RESET [8] IO VOLTAGE [9] POWER [10] HYS [11] BUFFER TYPE [12] PULL TYPE [13] A1, A18, E10, E12, E13, E14, E5, E6, E7, E8, F10, F12, F13, F14, F5, F6, F7, F8, G10, G11, G12, G7, G8, G9, H10, H11, H12, H13, H14, H5, H6, H7, H8, H9, J10, J11, J12, J13, J14, J5, J6, J7, J8, J9, K10, K11, K12, K7, K8, K9, L10, L11, L12, L13, L14, L5, L6, L7, L8, L9, M10, M11, M12, M13, M14, M5, M6, M7, M8, M9, N10, N11, N12, N7, N8, N9, P13, P14, P5, T2, V18 A1, A18, E10, E12, E13, E14, E5, E6, E7, E8, F10, F12, F13, F14, F5, F6, F7, F8, G10, G11, G12, G7, G8, G9, H10, H11, H12, H13, H14, H5, H6, H7, H8, H9, J10, J11, J12, J13, J14, J5, J6, J7, J8, J9, K10, K11, K12, K7, K8, K9, L10, L11, L12, L13, L14, L5, L6, L7, L8, L9, M10, M11, M12, M13, M14, M5, M6, M7, M8, M9, N10, N11, N12, N7, N8, N9, P13, P14, P5, T2 A1, A18, E10, E12, E13, E14, E5, E6, E7, E8, F10, F12, F13, F14, F5, F6, F7, F8, G10, G11, G12, G7, G8, G9, H10, H11, H12, H13, H14, H5, H6, H7, H8, H9, J10, J11, J12, J13, J14, J5, J6, J7, J8, J9, K10, K11, K12, K7, K8, K9, L10, L11, L12, L13, L14, L5, L6, L7, L8, L9, M10, M11, M12, M13, M14, M5, M6, M7, M8, M9, N10, N11, N12, N7, N8, N9, P13, P14, P5, T2 VSS VSS GND VSS P10, P12, P6, P8, R13, R5, V1, V16 P10, P12, P6, P8, R13, R5, V1, V18 P10, P12, P6, P8, R13, R5, V1, V18 VSSA VSSA AGND VSSA U2 U2 U2 VSYS_MON VSYS_MON A 0.9V VDDA_CIO AnalogCIO www.ti.com AM263P4, AM263P2, AM263P1, AM263P4-Q1, AM263P2-Q1, AM263P1-Q1 SPRSP81C – OCTOBER 2023 – REVISED MAY 2024 Copyright © 2024 Texas Instruments Incorporated Submit Document Feedback 45 Product Folder Links: AM263P4 AM263P2 AM263P1 AM263P4-Q1 AM263P2-Q1 AM263P1-Q1 |