| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AM263P4 bảng dữ liệu(PDF) 55 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
AM263P4 bảng dữ liệu(HTML) 55 Page - Texas Instruments |
|
55 / 164 page ![]() Table 5-24. EPWM2 Signal Descriptions SIGNAL NAME [1] PIN TYPE [2] DESCRIPTION [3] ZCZ C PIN [4] ZCZ S PIN [4] ZCZ F PIN [4] EPWM2_A O EPWM Output A C2 C2 C2 EPWM2_B O EPWM Output B C1 C1 C1 Table 5-25. EPWM3 Signal Descriptions SIGNAL NAME [1] PIN TYPE [2] DESCRIPTION [3] ZCZ C PIN [4] ZCZ S PIN [4] ZCZ F PIN [4] EPWM3_A O EPWM Output A E2 E2 E2 EPWM3_B O EPWM Output B E1, E3 E1, E3 E1, E3 Table 5-26. EPWM4 Signal Descriptions SIGNAL NAME [1] PIN TYPE [2] DESCRIPTION [3] ZCZ C PIN [4] ZCZ S PIN [4] ZCZ F PIN [4] EPWM4_A O EPWM Output A D1 D1 D1 EPWM4_B O EPWM Output B D2, E4 D2, E4 D2, E4 Table 5-27. EPWM5 Signal Descriptions SIGNAL NAME [1] PIN TYPE [2] DESCRIPTION [3] ZCZ C PIN [4] ZCZ S PIN [4] ZCZ F PIN [4] EPWM5_A O EPWM Output A F2 F2 F2 EPWM5_B O EPWM Output B F1, G2 F1, G2 F1, G2 Table 5-28. EPWM6 Signal Descriptions SIGNAL NAME [1] PIN TYPE [2] DESCRIPTION [3] ZCZ C PIN [4] ZCZ S PIN [4] ZCZ F PIN [4] EPWM6_A O EPWM Output A E1, E3 E1, E3 E1, E3 EPWM6_B O EPWM Output B F3 F3 F3 Table 5-29. EPWM7 Signal Descriptions SIGNAL NAME [1] PIN TYPE [2] DESCRIPTION [3] ZCZ C PIN [4] ZCZ S PIN [4] ZCZ F PIN [4] EPWM7_A O EPWM Output A F4 F4 F4 EPWM7_B O EPWM Output B F1, G4 F1, G4 F1, G4 Table 5-30. EPWM8 Signal Descriptions SIGNAL NAME [1] PIN TYPE [2] DESCRIPTION [3] ZCZ C PIN [4] ZCZ S PIN [4] ZCZ F PIN [4] EPWM8_A O EPWM Output A G3 G3 G3 EPWM8_B O EPWM Output B G2, H2 G2, H2 G2, H2 Table 5-31. EPWM9 Signal Descriptions SIGNAL NAME [1] PIN TYPE [2] DESCRIPTION [3] ZCZ C PIN [4] ZCZ S PIN [4] ZCZ F PIN [4] EPWM9_A O EPWM Output A G1 G1 G1 EPWM9_B O EPWM Output B H2, J2 H2, J2 H2, J2 Table 5-32. EPWM10 Signal Descriptions SIGNAL NAME [1] PIN TYPE [2] DESCRIPTION [3] ZCZ C PIN [4] ZCZ S PIN [4] ZCZ F PIN [4] EPWM10_A O EPWM Output A G4, J4, L3 G4, J4, L3 G4, L3 EPWM10_B O EPWM Output B J3, R3 J3, R3 R3 Table 5-33. EPWM11 Signal Descriptions SIGNAL NAME [1] PIN TYPE [2] DESCRIPTION [3] ZCZ C PIN [4] ZCZ S PIN [4] ZCZ F PIN [4] EPWM11_A O EPWM Output A H1 H1 EPWM11_B O EPWM Output B J1, J2 J1, J2 J2 www.ti.com AM263P4, AM263P2, AM263P1, AM263P4-Q1, AM263P2-Q1, AM263P1-Q1 SPRSP81C – OCTOBER 2023 – REVISED MAY 2024 Copyright © 2024 Texas Instruments Incorporated Submit Document Feedback 55 Product Folder Links: AM263P4 AM263P2 AM263P1 AM263P4-Q1 AM263P2-Q1 AM263P1-Q1 |