công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

638008S4S02LP9M bảng dữ liệu(PDF) 7 Page - Ashcroft, Inc.

tên linh kiện 638008S4S02LP9M
Giải thích chi tiết về linh kiện  8008S Pressure Gauge
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ASHCROFT [Ashcroft, Inc.]
Trang chủ  https://www.ashcroft.com/
Logo ASHCROFT - Ashcroft, Inc.

638008S4S02LP9M bảng dữ liệu(HTML) 7 Page - Ashcroft, Inc.

Back Button 638008S4S02LP9M Datasheet HTML 3Page - Ashcroft, Inc. 638008S4S02LP9M Datasheet HTML 4Page - Ashcroft, Inc. 638008S4S02LP9M Datasheet HTML 5Page - Ashcroft, Inc. 638008S4S02LP9M Datasheet HTML 6Page - Ashcroft, Inc. 638008S4S02LP9M Datasheet HTML 7Page - Ashcroft, Inc. 638008S4S02LP9M Datasheet HTML 8Page - Ashcroft, Inc. 638008S4S02LP9M Datasheet HTML 9Page - Ashcroft, Inc. 638008S4S02LP9M Datasheet HTML 10Page - Ashcroft, Inc. 638008S4S02LP9M Datasheet HTML 11Page - Ashcroft, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
Data Sheet
8008S Pressure Gauge
of 14
7
Data Sheet
All specifications are subject to change without notice. All sales subject to standard terms and conditions.
Ashcroft®, FlutterGuard™ and Trust the Shield® are trademarks of Ashcroft Inc.
For more information, see Ashcroft Brands & Trademarks
©2024 Ashcroft Inc. 8008S_ds_RevH_10-03-24
ashcroft.com
| 1.800.328.8258 | Contact Us
100 mm center back connect
Connection Code
Process Connection
Depth
02
¼ NPT
3.13 [79.5]
04
½ NPT
3.14 [79.8]
09
¼ HP Female
3.14 [79.8]
13
G¼ B
3.13 [79.5]
15
G½ B
3.26 [82.8]
16
M20x1.5
3.26 [82.8]
JP
¼ Tube
3.13 [79.5]
JR
3
⁄8 BSPT
3.25 [82.6]
JS
½ Tube
3.38 [85.9]
KA
¼ BSPT or R ¼
3.13 [79.5]
DIMENSIONS in [ ] are millimeters
For reference only, consult Ashcroft for specific dimensional drawings
100 mm center back connect - connection mounted U-clamp
Connection Code
Process Connection
Depth
02
¼ NPT
3.13 [79.5]
04
½ NPT
3.13 [79.5]
09
¼ HP Female
3.13 [79.5]
13
G¼ B
3.13 [79.5]
15
G½ B
3.26 [82.8]
16
M20x1.5
3.26 [82.8]
JP
¼ Tube
3.13 [79.5]
JR
3
⁄8 BSPT
3.25 [82.6]
JS
½ Tube
3.38 [85.9]
KA
¼ BSPT or R ¼
3.13 [79.5]
Recommended Panel Hole Size
MIN: 3.94in [100.0mm]
MAX: 4.02in [102.0mm]
(Depth)
(Wrench Flats)
Process Connection
(04 Connection Shown)
M5x.8 X 45 Fastners Included (2X)
[11.2mm]
0.44in
[40.9mm]
1.61in
[47.6mm]
1.88in
[1.7mm]
0.07in
[108.0mm]
4.25in
[121.3mm]
4.78in
[105.3mm]
Ø 4.15in
[95.0mm]
Ø 3.74in
[99.1mm]
Ø 3.90in
[15.8mm]
0.62in
100 mm center back connect - case mounted U-clamp
Connection Code
Process Connection
Depth
02
¼ NPT
3.13 [79.5]
04
½ NPT
3.14 [79.8]
09
¼ HP Female
3.14 [79.8]
13
G¼ B
3.13 [79.5]
15
G½ B
3.26 [82.8]
16
M20x1.5
3.26 [82.8]
JP
¼ Tube
3.13 [79.5]
JR
3
⁄8 BSPT
3.25 [82.6]
JS
½ Tube
3.38 [85.9]
KA
¼ BSPT or R ¼
3.13 [79.5]
[15.8mm]
0.62in
Recommended Panel Hole Size
MIN: 3.94in [100.0mm]
MAX: 4.02in [102.0mm]
[105.3mm]
Ø 4.15in
[95.0mm]
Ø 3.74in
[26.4mm]
1.04in
[1.7mm]
0.07in
[99.1mm]
Ø 3.90in
(Depth)
(Wrench Flats)
[11.2mm]
0.44in
[40.9mm]
1.61in
[7.6mm]
0.30in
[106.1mm]
4.18in
Process
Connection
Threaded Studs &
Lock Nuts Included (2X)
[61.1mm]
2.41in
(Depth)
(Wrench Flats)
Process
Connection
[11.2mm]
0.44in
[40.9mm]
1.61in
[7.6mm]
0.30in
[1.7mm]
0.07in
[99.1mm]
Ø 3.90in
[105.3mm]
Ø 4.15in
Ø 4.15in
[95.0mm]
Ø 3.74in
[15.8mm]
0.62in
100 mm center back connect - front flange
Connection Code
Process Connection
Depth
02
¼ NPT
3.13 [79.5]
04
½ NPT
3.13 [79.5]
09
¼ HP Female
3.13 [79.5]
13
G¼ B
3.13 [79.5]
15
G½ B
3.26 [82.8]
16
M20x1.5
3.26 [82.8]
JP
¼ Tube
3.13 [79.5]
JR
3
⁄8 BSPT
3.25 [82.6]
JS
½ Tube
3.38 [85.9]
KA
¼ BSPT or R ¼
3.13 [79.5]
Recommended Panel Hole Size
MIN: 4.04in [102.5mm]
MAX: 4.15in [105.4mm]
3X [6.0mm]
0.24in
[119.0mm]
Ø 4.68in
[117.0mm]
[120° TYP.]
Ø 4.61in
[105.3mm]
Ø 4.15in
[99.1mm]
Ø 3.90in
[1.7mm]
Ø 0.07in
[134.0mm]
Ø 5.28in
[95.0mm]
Ø 3.74in
(Depth)
[11.2mm]
0.44in
[40.9mm]
1.61in
[8.4mm]
0.33in
Process
Connection
[15.8mm]
0.62in
(Wrench Flats)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com