| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
DM74LS04SJ bảng dữ liệu(PDF) 1 Page - SYC Electronica |
|
|
|||||||||||||||||||||||||||||
DM74LS04SJ bảng dữ liệu(HTML) 1 Page - SYC Electronica |
|
1 / 5 page ![]() 74LS04 Hex Inverting Gates General Description This device contains six independent gates each of which performs the logic INVERT function. Ordering Code: Devices also available in Tape and Reel. Specify by appending the suffix letter “X” to the ordering code. Connection Diagram Function Table Y = A H = HIGH Logic Level L = LOW Logic Level Order Number Package Number Package Description DM74LS04M M14A 14-Lead Small Outline Integrated Circuit (SOIC), JEDEC MS-120, 0.150 Narrow DM74LS04SJ M14D 14-Lead Small Outline Package (SOP), EIAJ TYPE II, 5.3mm Wide DM74LS04N N14A 14-Lead Plastic Dual-In-Line Package (PDIP), JEDEC MS-001, 0.300 Wide Input Output AY LH HL www.sycelectronica.com.ar |
Số phần tương tự - DM74LS04SJ |
|
Mô tả tương tự - DM74LS04SJ |