| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
LD1085D2M18R bảng dữ liệu(PDF) 8 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
LD1085D2M18R bảng dữ liệu(HTML) 8 Page - STMicroelectronics |
|
8 / 27 page ![]() Electrical characteristics LD1085 series 8/27 Table 5. Electrical characteristics of LD1085#25 (VI=5.5V, CI = CO =10μF, TA = -40 to 125°C, unless otherwise specified). Symbol Parameter Test Min. Typ. Max. Unit VO Output voltage (1) IO = 0 mA, TJ = 25°C 2.475 2.5 2.525 V IO = 0 to 3A, VI = 4.1 to 30V 2.45 2.5 2.55 V ΔVO Line regulation IO = 0 mA, VI = 4.1 to 18V, TJ = 25°C 0.2 4 mV IO = 0 mA, VI = 4.1 to 18V 0.4 4 mV ΔVO Load regulation IO = 0 to 3A, TJ = 25°C 2 10 mV IO = 0 to 3A 4 20 mV Vd Dropout voltage IO = 3A 1.3 1.5 V Iq Quiescent current VI ≤30V 5 10 mA Isc Short circuit current VI - VO = 5V 3.2 4.5 A VI - VO = 25V 0.2 0.5 A Thermal regulation TA = 25°C, 30ms pulse 0.008 0.04 %/W SVR Supply voltage rejection f = 120 Hz, CO = 25µF, IO = 3A VI = 7.5 ± 3V 60 72 dB eN RMS Output noise voltage (% of VO) TA = 25°C, f =10Hz to 10KHz 0.003 % S Temperature stability 0.5 % S Long term stability TA = 125°C, 1000Hrs 0.5 % 1. See short-circuit current curve for available output current at fixed dropout. |