| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
YSS950 bảng dữ liệu(PDF) 3 Page - YAMAHA CORPORATION |
|
|
|||||||||||||||||||||||||||||
YSS950 bảng dữ liệu(HTML) 3 Page - YAMAHA CORPORATION |
|
3 / 30 page ![]() YSS950 3 ■ Application Firmware The application firmware of YSS950(DAP1) provides a variety of functions that can be used in home theater systems, car audio systems, and many other applications. This application firmware can be combined to implement signal flow for up to 16 channels. Firmware Name Abbr. Function Bass manager BM Distributes the optimum low-range signal for the playback environment. Channel divider CD Divides bandwidth for multi-way. Delay DLY Adds delay to individual channels. Down sampler DS Down samples to 1/2. Dynamic range controller DRC Controls dynamic range. Format converter FMT Converts signal format. Generator GEN Generates a noise signal or impulse signal. High frequency regenerator HR Complements high frequency components. Headphone surround HS Reproduces 5.1 channel surround on headphones. IIR1x2 I12 A cascade of two 1st-order IIR filters. IIR2x2 I22 A cascade of two 2nd-order IIR filters. IIR2x3 I23 A cascade of three 2nd-order IIR filters. IIR2x8 I28 A cascade of eight 2nd-order IIR filters. Mixer MIX Signal gain can be applied freely. Sound field SF Sounds reverb richly. Virtual surround VS Reproduces 5.1 channel surround on only the front speaker. Volume controller VOL Overall and channel-specific volume adjustments. Acoustic Field Analyzer AFA Measurement of audio characteristics. for Automatic Acoustic Field Calibration system. Dolby Pro Logic II PLII Dolby Pro Logic II decoder. Dolby Pro Logic IIx PLIIx Dolby Pro Logic IIx decoder. ・Up to 24 application firmware modules can operate at the same time. ・The information shown above is subject to revision. Check with Yamaha or an authorized sales agency for the latest information before using this product.. |