công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MMBTA06 bảng dữ liệu(PDF) 1 Page - Diotec Semiconductor

tên linh kiện MMBTA06
Giải thích chi tiết về linh kiện  Surface mount general purpose Si-epitaxial planar transistors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  DIOTEC [Diotec Semiconductor]
Trang chủ  http://www.diotec.com
Logo DIOTEC - Diotec Semiconductor

MMBTA06 bảng dữ liệu(HTML) 1 Page - Diotec Semiconductor

  MMBTA06 Datasheet HTML 1Page - Diotec Semiconductor MMBTA06 Datasheet HTML 2Page - Diotec Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
MMBTA05 / MMBTA06
MMBTA05 / MMBTA06
NPN
Surface mount general purpose Si-epitaxial planar transistors
Vielzweck Si-Epitaxial Planar-Transistoren für die Oberflächenmontage
NPN
Version 2007-06-25
Dimensions / Maße [mm]
1 = B
2 = E
3 = C
Power dissipation
Verlustleistung
250 mW
Plastic case
Kunststoffgehäuse
SOT-23
(TO-236)
Weight approx. – Gewicht ca.
0.01 g
Plastic material has UL classification 94V-0
Gehäusematerial UL94V-0 klassifiziert
Standard packaging taped and reeled
Standard Lieferform gegurtet auf Rolle
Maximum ratings (TA = 25°C)
Grenzwerte (TA = 25°C)
MMBTA05
MMBTA06
Collector-Emitter-volt. - Kollektor-Emitter-Spannung
B open
VCEO
60 V
80 V
Collector-Base-voltage - Kollektor-Basis-Spannung
E open
VCBO
60 V
80 V
Emitter-Base-voltage - Emitter-Basis-Spannung
C open
VEBO
4 V
Power dissipation – Verlustleistung
Ptot
250 mW 1)
Collector current – Kollektorstrom (dc)
IC
500 mA
Base current – Basisstrom
I
B
100 mA
Peak Base current – Basis-Spitzenstrom
IBM
200 mA
Junction temperature – Sperrschichttemperatur
Tj
-55...+150°C
Storage temperature – Lagerungstemperatur
TS
-55…+150°C
Characteristics (Tj = 25°C)
Kennwerte (Tj = 25°C)
Min.
Typ.
Max.
Collector-Base cutoff current – Kollektorreststrom
IE = 0, VCB = 60 V
IE = 0, VCB = 80 V
MMBTA05
MMBTA06
ICB0
ICB0
–
–
–
–
100 nA
100 nA
Emitter-Base cutoff current – Emitterreststrom
IC = 0, VEB = 4 V
IEB0
–
–
100 nA
Collector saturation voltage – Kollektor-Sättigungsspannung 2)
IC = 100 mA, IB = 10 mA
VCEsat
–
–
250 mV
Base saturation voltage – Basis-Sättigungsspannung 2)
IC = 100 mA, IB = 10 mA
VBEsat
–
–
1.2 V
1
Mounted on P.C. board with 3 mm2 copper pad at each terminal
Montage auf Leiterplatte mit 3 mm2 Kupferbelag (Lötpad) an jedem Anschluss
2
Tested with pulses tp = 300 µs, duty cycle ≤ 2% – Gemessen mit Impulsen tp = 300 µs, Schaltverhältnis ≤ 2%
© Diotec Semiconductor AG
http://www.diotec.com/
1
1.1
2.9 ±0.1
0.4
1
2
3
Type
Code
1.9


Số phần tương tự - MMBTA06

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Transys Electronics
MMBTA06 TRSYS-MMBTA06 Datasheet
139Kb / 1P
NPN SMALL SIGNAL SURFACE MOUNT TRANSISTOR
logo
Samsung semiconductor
MMBTA06 SAMSUNG-MMBTA06 Datasheet
28Kb / 1P
NPN (DRIVER TRANSISTOR)
logo
Fairchild Semiconductor
MMBTA06 FAIRCHILD-MMBTA06 Datasheet
149Kb / 4P
NPN General Purpose Amplifier
logo
Diodes Incorporated
MMBTA06 DIODES-MMBTA06 Datasheet
45Kb / 2P
NPN SMALL SIGNAL SURFACE MOUNT TRANSISTOR
DS30037 Rev. C-2
logo
General Semiconductor
MMBTA06 GE-MMBTA06 Datasheet
56Kb / 2P
Small Signal Transistors (NPN)
More results

Mô tả tương tự - MMBTA06

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Diotec Semiconductor
2N5400 DIOTEC-2N5400 Datasheet
106Kb / 2P
General Purpose Si-Epitaxial Planar Transistors
2N5550 DIOTEC-2N5550 Datasheet
106Kb / 2P
General Purpose Si-Epitaxial Planar Transistors
2N5172 DIOTEC-2N5172 Datasheet
105Kb / 2P
General Purpose Si-Epitaxial Planar Transistors
BC546 DIOTEC-BC546_07 Datasheet
100Kb / 2P
General Purpose Si-Epitaxial Planar Transistors
2N4401 DIOTEC-2N4401 Datasheet
102Kb / 2P
General Purpose Si-Epitaxial Planar Transistors
2N4403 DIOTEC-2N4403 Datasheet
104Kb / 2P
General Purpose Si-Epitaxial Planar Transistors
BC327-XBK DIOTEC-BC327-XBK Datasheet
95Kb / 2P
General Purpose Si-Epitaxial Planar Transistors
BC337-XBK DIOTEC-BC337-XBK Datasheet
95Kb / 2P
General Purpose Si-Epitaxial Planar Transistors
BC546XBK DIOTEC-BC546XBK Datasheet
87Kb / 2P
General Purpose Si-Epitaxial Planar Transistors
MMBTA06 DIOTEC-MMBTA06_15 Datasheet
107Kb / 2P
Surface mount general purpose Si-epitaxial planar transistors
More results


Html Pages

1 2


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com