công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

IRL3303LPBF bảng dữ liệu(PDF) 2 Page - International Rectifier

tên linh kiện IRL3303LPBF
Giải thích chi tiết về linh kiện  HEXFET짰 Power MOSFET
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  IRF [International Rectifier]
Trang chủ  http://www.irf.com
Logo IRF - International Rectifier

IRL3303LPBF bảng dữ liệu(HTML) 2 Page - International Rectifier

  IRL3303LPBF Datasheet HTML 1Page - International Rectifier IRL3303LPBF Datasheet HTML 2Page - International Rectifier IRL3303LPBF Datasheet HTML 3Page - International Rectifier IRL3303LPBF Datasheet HTML 4Page - International Rectifier IRL3303LPBF Datasheet HTML 5Page - International Rectifier IRL3303LPBF Datasheet HTML 6Page - International Rectifier IRL3303LPBF Datasheet HTML 7Page - International Rectifier IRL3303LPBF Datasheet HTML 8Page - International Rectifier IRL3303LPBF Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
IRL3303S/LPbF
2
www.irf.com
Parameter
Min. Typ. Max. Units
Conditions
V(BR)DSS
Drain-to-Source Breakdown Voltage
30
––– –––
V
VGS = 0V, ID = 250µA
∆V(BR)DSS/∆TJ Breakdown Voltage Temp. Coefficient ––– 0.035 –––
V/°C Reference to 25°C, ID = 1mA…
–––
––– 0.026
VGS = 10V, ID = 20A „
–––
––– 0.040
Ω
VGS = 4.5V, ID = 17A „ TJ = 150°C
VGS(th)
Gate Threshold Voltage
1.0
–––
V
VDS = VGS, ID = 250µA
gfs
Forward Transconductance
12
––– –––
S
VDS = 25V, ID = 20A…
–––
–––
25
µA
VDS = 30V, VGS = 0V
–––
––– 250
VDS = 24V, VGS = 0V, TJ = 150°C
Gate-to-Source Forward Leakage
–––
––– 100
VGS = 16V
Gate-to-Source Reverse Leakage
–––
––– -100
nA
VGS = -16V
Qg
Total Gate Charge
–––
–––
26
ID = 20A
Qgs
Gate-to-Source Charge
–––
––– 8.8
nC
VDS = 24V
Qgd
Gate-to-Drain ("Miller") Charge
–––
–––
15
VGS = 4.5V, See Fig. 6 and 13 „…
td(on)
Turn-On Delay Time
–––
7.4 –––
VDD = 15V
tr
Rise Time
–––
200 –––
ID = 20A
td(off)
Turn-Off Delay Time
–––
14
–––
RG = 6.5Ω
tf
Fall Time
–––
36
–––
RD = 0.7Ω, See Fig. 10 „…
Between lead,
–––
–––
and center of die contact
Ciss
Input Capacitance
–––
870 –––
VGS = 0V
Coss
Output Capacitance
–––
340 –––
pF
VDS = 25V
Crss
Reverse Transfer Capacitance
–––
170 –––
ƒ = 1.0MHz, See Fig. 5…
Electrical Characteristics @ TJ = 25°C (unless otherwise specified)
RDS(on)
Static Drain-to-Source On-Resistance
IGSS
IDSS
Drain-to-Source Leakage Current
LS
Internal Source Inductance
7.5
nH
 Repetitive rating; pulse width limited by
max. junction temperature. ( See fig. 11 )
ƒ I
SD ≤ 20A, di/dt ≤ 140A/µs, V
DD ≤ V(BR)DSS,
TJ ≤ 175°C
Notes:
‚ VDD = 15V, starting TJ = 25°C, L = 470µH
RG = 25Ω, IAS = 20A. (See Figure 12)
„ Pulse width ≤ 300µs; duty cycle ≤ 2%.
** When mounted on 1" square PCB ( FR-4 or G-10 Material ).
For recommended footprint and soldering techniques refer to application note #AN-994.
… Uses IRL3303 data and test conditions.
Source-Drain Ratings and Characteristics
Parameter
Min. Typ. Max. Units
Conditions
IS
Continuous Source Current
MOSFET symbol
(Body Diode)
––– –––
showing the
ISM
Pulsed Source Current
integral reverse
(Body Diode) 
––– –––
p-n junction diode.
VSD
Diode Forward Voltage
––– ––– 1.3
V
TJ = 25°C, IS = 20A, VGS = 0V „
trr
Reverse Recovery Time
–––
72
110
ns
TJ = 25°C, IF = 20A
Qrr
Reverse Recovery Charge
––– 180 280
nC
di/dt = 100A/µs „…
ton
Forward Turn-On Time
Intrinsic turn-on time is negligible (turn-on is dominated by LS+LD)
A
38
140
S
D
G



Html Pages

1 2 3 4 5 6 7 8 9 10 11


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com