công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

251009SW02DXLC bảng dữ liệu(PDF) 5 Page - Ashcroft, Inc.

tên linh kiện 251009SW02DXLC
Giải thích chi tiết về linh kiện  1009 2½˝, 3½˝ Stainless Steel Pressure Gauges
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ASHCROFT [Ashcroft, Inc.]
Trang chủ  https://www.ashcroft.com/
Logo ASHCROFT - Ashcroft, Inc.

251009SW02DXLC bảng dữ liệu(HTML) 5 Page - Ashcroft, Inc.

  251009SW02DXLC Datasheet HTML 1Page - Ashcroft, Inc. 251009SW02DXLC Datasheet HTML 2Page - Ashcroft, Inc. 251009SW02DXLC Datasheet HTML 3Page - Ashcroft, Inc. 251009SW02DXLC Datasheet HTML 4Page - Ashcroft, Inc. 251009SW02DXLC Datasheet HTML 5Page - Ashcroft, Inc. 251009SW02DXLC Datasheet HTML 6Page - Ashcroft, Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
of 6
5
Data Sheet
All specifications are subject to change without notice. All sales subject to standard terms and conditions.
Ashcroft®, Duralife®,
PLUS!™, PowerFlex™, True Zero™, Trust the Shield® are trademarks and Gold ServiceSM is a
service mark of Ashcroft Inc. The following non-Ashcroft trademarks are the property of their respective owners:
Halocarbon®, Krytox™. For more information, see Ashcroft Brands & Trademarks
©2024 Ashcroft Inc. 1009_25-35_ds_RevJ_08-08-24
ashcroft.com
| 1.800.328.8258 | Contact Us
1009 2½˝, 3½˝ Stainless Steel Pressure Gauges
21⁄2˝ 1009 Lower and Back Connect
[60.6]
Ø 2.75
2.39
[69.9]
0.44
FLATS
[11]
0.41
[10.4]
0.36
[9.1]
Ø 2.45
[62.3]
1.25
[31.7]
[21.3]
1.16
[29.4]
0.84
31⁄2˝ 1009
Back Connect (XFF)
Ø 4.57
BOLT CIRCLE
[116]
Ø 3.89
[98.8]
Ø 5.20
[132]
Ø 0.22
[5.6]
0.84
[21.3]
Ø 3.78 [96] MIN
Ø 3.86 [98] MAX
PANEL CUTOUT
1.16
[29.4]
1.25
[31.7]
Ø 3.59
[91.3]
0.64
[16.2]
0.44 [11]
FLATS
31⁄2˝ 1009 Lower and Back Connect (XFW)
2.95
[75]
Ø 4.57
BOLT
CIRCLE
[116]
0.44
FLATS
[11]
Ø 3.89
[98.8]
Ø 5.20
[132]
Ø 0.22
[5.6]
0.80
[20.3]
1.64
[41.6]
0.84
[21.3]
0.77
[19.5]
DIMENSIONS in [ ] are millimeters
For reference only, consult Ashcroft for specific dimensional drawings
21/2 1009 Lower and Back Connect
31/2 1009 Lower and Back Connect
21⁄2˝ 1009
Back Connect (XUC)
0.84
[21.3]
1.16
[29.4]
0.36
[9.1]
1
⁄16 [2] TO 1⁄4 [6]
PANEL
Ø 2.45
[62.3]
0.89
[22.6]
1.31
[33.3]
1.89
[48]
0.44 [11]
FLATS
#8-32 STUDS
& 3⁄8 HEX NUT
1.94
[49.2]
1.12
[28.4]
2.88
[73.3]
0.25
[6.4]
2.53 [64] ±0.03 [1]
PANEL CUTOUT
Ø 2.75
[69.9]
Ø 2.75
[69.9]
21/2 1009 Back Connect (XUC)
31/2 1009 Back Connect (XUC)
21/2 1009 Back Connect (XFF)
31/2 1009 Back Connect (XFF)
21/2 1009 Lower and Back Connect (XFW)
31/2 1009 Lower and Back Connect (XFW)
21⁄2˝ 1009
Back Connect (XFF)
Ø 3.13
BOLT CIRCLE
[79.5]
Ø 2.75
[69.9]
Ø 0.16
[4.1]
Ø 3.69
[93.7]
0.84
[21.3]
Ø 2.45
[62.3]
1.16
[29.4]
1.25
[31.7]
Ø 2.59 [66] MAX
PANEL CUTOUT
Ø 2.53 [64] MIN
0.42
[10.6]
0.44 [11]
FLATS
21⁄2˝ 1009
Lower and Back Connect (XFW)
2.39
[60.6]
Ø 3.13
BOLT
CIRCLE
[79.5]
0.44
FLATS
[11]
Ø 3.96
[100.6]
Ø 0.16
[4.1]
Ø 2.75
[69.9]
0.70
[17.7]
1.54
[39.1]
0.84
[21.3]
0.87
[22]
3½˝ 1009 Lower and Back Connect
2.95
[75]
0.44
FLATS
[11]
Ø 3.89
[98.8]
0.41
[10.4]
0.36
[9.1]
1.25
[31.7]
Ø 3.59
[91.3]
0.84
[21.3]
1.16
[29.4]
31⁄2˝ 1009
Back Connect (XUC)
0.84
[21.3]
1
⁄16 [2] TO ¼ [6]
PANEL
1.89
[48]
0.36
[9.1]
1.31
[33.3]
0.89
[22.6]
1.16
[29.4]
Ø 3.59
[91.3]
0.44 [11]
FLATS
#8-32 STUDS
& 3⁄8 HEX NUT
2.41
[61.1]
3.66 [93] ±0.03 [1]
PANEL CUTOUT
0.25
[6.4]
1.04
[26.4]
4.18
[106.3]
Ø 3.89
[98.8]
Ø 3.89
[98.8]



Html Pages

1 2 3 4 5 6