công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

638009S4F02LP9M bảng dữ liệu(PDF) 13 Page - Ashcroft, Inc.

tên linh kiện 638009S4F02LP9M
Giải thích chi tiết về linh kiện  8009S Pressure Gauge
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ASHCROFT [Ashcroft, Inc.]
Trang chủ  https://www.ashcroft.com/
Logo ASHCROFT - Ashcroft, Inc.

638009S4F02LP9M bảng dữ liệu(HTML) 13 Page - Ashcroft, Inc.

Back Button 638009S4F02LP9M Datasheet HTML 5Page - Ashcroft, Inc. 638009S4F02LP9M Datasheet HTML 6Page - Ashcroft, Inc. 638009S4F02LP9M Datasheet HTML 7Page - Ashcroft, Inc. 638009S4F02LP9M Datasheet HTML 8Page - Ashcroft, Inc. 638009S4F02LP9M Datasheet HTML 9Page - Ashcroft, Inc. 638009S4F02LP9M Datasheet HTML 10Page - Ashcroft, Inc. 638009S4F02LP9M Datasheet HTML 11Page - Ashcroft, Inc. 638009S4F02LP9M Datasheet HTML 12Page - Ashcroft, Inc. 638009S4F02LP9M Datasheet HTML 13Page - Ashcroft, Inc.  
Zoom Inzoom in Zoom Outzoom out
 13 / 13 page
background image
Data Sheet
8009S Pressure Gauge
of 13
13
Data Sheet
All specifications are subject to change without notice. All sales subject to standard terms and conditions.
Ashcroft®, FlutterGuard™ and Trust the Shield® are trademarks of Ashcroft Inc. For more information,
see Ashcroft Brands & Trademarks ©2024 Ashcroft Inc. 8009S_ds_RevC_10-03-24
ashcroft.com
| 1.800.328.8258 | Contact Us
DIMENSIONS in [ ] are millimeters
For reference only, consult Ashcroft for specific dimensional drawings
63 mm center back connect - panel mount socket, trim ring
Connection Code
Process Connection
Depth
01
1
⁄8 NPT
2.50 [63.4]
02
¼ NPT
2.55 [64.8]
13
G¼ B
2.55 [64.7]
41
M14x1.5
2.59 [65.7]
EJ
JIC #4
2.50 [63.4]
JP
¼ Tube
2.66 [67.5]
JR
3
⁄8 Tube
2.79 [70.8]
JS
½ Tube
2.92 [74.1]
KA
¼ BSPT
2.50 [63.4]
RW
SAE 7⁄16-20
2.66 [67.5]
63 mm center back connect - panel mount, case, trim ring
Connection Code
Process Connection
Depth
01
1
⁄8 NPT
2.50 [63.4]
02
¼ NPT
2.55 [64.8]
13
G¼ B
2.55 [64.7]
41
M14x1.5
2.59 [65.7]
EJ
JIC #4
2.50 [63.4]
JP
¼ Tube
2.66 [67.5]
JR
3
⁄8 Tube
2.79 [70.8]
JS
½ Tube
2.92 [74.1]
KA
¼ BSPT
2.50 [63.4]
RW
SAE 7⁄16-20
2.66 [67.5]
63 mm center back connect - rear flange
Connection Code
Process Connection
Depth
01
1
⁄8 NPT
2.50 [63.4]
02
¼ NPT
2.55 [64.8]
13
G¼ B
2.55 [64.7]
41
M14x1.5
2.59 [65.7]
EJ
JIC #4
2.50 [63.4]
JP
¼ Tube
2.66 [67.5]
JR
3
⁄8 Tube
2.79 [70.8]
JS
½ Tube
2.92 [74.1]
KA
¼ BSPT
2.50 [63.4]
RW
SAE 7⁄16-20
2.66 [67.5]
(02 Connection Shown)
(Process Connection)
Ø 2.25 in
[57.2 mm]
0.44 in
[11.0 mm]
(Wrench Flats)
M5x.8 X 35 Fasteners
Included (2X)
1.32 in
[33.4 mm]
2.45 in
[62.2 mm]
2.80 in
[71.0 mm]
1.26 in
[32.0 mm]
Ø 2.80 in
[71.0 mm]
Ø 3.43 in
[87.0 mm]
0.44 in
[11.2 mm]
Drawing 31 638009S_02CP5 - 070A4750
Recommended
Panel Hole Size
Min: 2.56 in [65.0 mm]
Max: 2.70 in [68.0 mm]
0.45 in
[11.3 mm]
0.07 in
[1.7 mm]
(Depth)
(02 Connection Shown)
Ø 3.43 in
[87.0 mm]
0.44 in
[11.0 mm]
(Wrench Flats)
(Process Connection)
1.32 in
[33.4 mm]
1.94 in
[49.2 mm]
2.88 in
[73.3 mm]
Drawing 32 638009S_02CP9 - 070A4750
Recommended
Panel Hole Size
Min: 2.56 in [65.0 mm]
Max: 2.70 in [68.0 mm]
0.45 in
[11.3 mm]
0.07 in
[1.7 mm]
(Depth)
0.44 in
[11.2 mm]
Ø 2.80 in
[71.1 mm]
Ø 2.25 in
[57.2 mm]
Threaded Studs & Lock
Nuts Included (2X)
1.12 in
[28.4 mm]
2.45 in
[62.2 mm]
Ø 3.96 in
[100.6 mm]
Ø 2.80 in
3X Ø 0.16 in
[4.1 mm]
Ø 3.13 in
[79.5 mm]
0.74 in
[18.8 mm]
1.62 in
[41.0 mm]
[71.1 mm]
0.42 in
[10.5 mm]
Ø 3.96 in
[100.6 mm]
Ø 2.80 in
3X Ø 0.16 in
[4.1 mm]
Ø 3.13 in
[79.5 mm]
0.74 in
[18.8 mm]
1.62 in
[41.0 mm]
[71.1 mm]
0.42 in
[10.5 mm]
(02 Connection Shown)
Ø 3.96 in
[100.6 mm]
Ø 2.80 in
3X Ø 0.16 in
[4.1 mm]
Ø 3.13 in
[79.5 mm]
Ø 2.25 in
[57.2 mm]
0.44 in
[11.0 mm]
(Wrench Flats)
(Process Connection)
120° TYP.
0.74 in
[18.8 mm]
1.62 in
[41.0 mm]
[71.1 mm]
Drawing 33 638009S_02CP3 - 070A4750
0.42 in
[10.5 mm]
(Depth)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com