công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PPC440GX-3CF667CZ bảng dữ liệu(PDF) 13 Page - Applied Micro Circuits Corporation

tên linh kiện PPC440GX-3CF667CZ
Giải thích chi tiết về linh kiện  Power PC 440GX Embedded Processor
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AMCC [Applied Micro Circuits Corporation]
Trang chủ  http://www.amcc.com
Logo AMCC - Applied Micro Circuits Corporation

PPC440GX-3CF667CZ bảng dữ liệu(HTML) 13 Page - Applied Micro Circuits Corporation

Back Button PPC440GX-3CF667CZ Datasheet HTML 9Page - Applied Micro Circuits Corporation PPC440GX-3CF667CZ Datasheet HTML 10Page - Applied Micro Circuits Corporation PPC440GX-3CF667CZ Datasheet HTML 11Page - Applied Micro Circuits Corporation PPC440GX-3CF667CZ Datasheet HTML 12Page - Applied Micro Circuits Corporation PPC440GX-3CF667CZ Datasheet HTML 13Page - Applied Micro Circuits Corporation PPC440GX-3CF667CZ Datasheet HTML 14Page - Applied Micro Circuits Corporation PPC440GX-3CF667CZ Datasheet HTML 15Page - Applied Micro Circuits Corporation PPC440GX-3CF667CZ Datasheet HTML 16Page - Applied Micro Circuits Corporation PPC440GX-3CF667CZ Datasheet HTML 17Page - Applied Micro Circuits Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 93 page
background image
440GX – Power PC 440GX Embedded Processor
AMCC
13
Revision 1.15 – August 30, 2007
Data Sheet
• External master interface
- Write posting from external master
- Read prefetching on PLB for external master reads
- Bursting capable from external master
- Allows external master access to all non-EBC PLB slaves
- External master can control EBC slaves for own access and control
Ethernet Controller Interface
Ethernet support provided by the PPC440GX interfaces to the physical layer, but the PHY is not included on the
chip.
Features include:
• One to four 10/100 interfaces running in full- and half-duplex modes
- One full Media Independent Interface (MII) with 4-bit parallel data transfer
- Two Reduced Media Independent Interfaces (RMII) with 2-bit parallel data transfer
- Four Serial Media Independent Interfaces (SMII)
• One or two GMII interfaces running in full- and half-duplex modes at 10Mb/s or 100Mb/s or 1000Mb/s
- One full Gigabit Media Independent Interface (GMII) with 8-bit parallel data transfer
- Two Reduced Gigabit Media Independent Interfaces (RGMII) with 4-bit parallel data transfer
• One or two TBI interfaces running in full- and half-duplex modes at 10Mb/s or 100Mb/s or 1000Mb/s
- One full Ten Bit Interface (TBI) with 10-bit parallel data transfer
- Two Reduced Ten Bit Interfaces (RTBI) with 4-bit parallel data transfer
• Jumbo frame support (9016 byte)
- Support for Ethernet II formatted frames (RFC894)
- Support for IEEE formatted frames (RFC1042)
- Handles VLAN-tagged frames
TCP/IP Acceleration Hardware (TAH)
Features include:
• Offloads Gigabit Ethernet protocol processing from the CPU
• Checksum verification for TCP/UDP/IP headers in the receive path
• Checksum generation for TCP/UDP/IP headers in the transmit path
• TCP segmentation support in the transmit path
DMA Controller
Features include:
• Supports the following transfers:
- Memory-to-memory transfers
- Buffered peripheral to memory transfers
- Buffered memory to peripheral transfers
• Four channels
• Scatter/Gather capability for programming multiple DMA operations
• 8-, 16-, 32-bit peripheral support (OPB and external)
• 64-bit addressing
• 128 byte FIFO buffer
• Address increment or decrement
• Supports internal and external peripherals
• Support for memory mapped peripherals



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com