công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PPC440GX-3CF667C bảng dữ liệu(PDF) 71 Page - Applied Micro Circuits Corporation

tên linh kiện PPC440GX-3CF667C
Giải thích chi tiết về linh kiện  Power PC 440GX Embedded Processor
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AMCC [Applied Micro Circuits Corporation]
Trang chủ  http://www.amcc.com
Logo AMCC - Applied Micro Circuits Corporation

PPC440GX-3CF667C bảng dữ liệu(HTML) 71 Page - Applied Micro Circuits Corporation

Back Button PPC440GX-3CF667C Datasheet HTML 67Page - Applied Micro Circuits Corporation PPC440GX-3CF667C Datasheet HTML 68Page - Applied Micro Circuits Corporation PPC440GX-3CF667C Datasheet HTML 69Page - Applied Micro Circuits Corporation PPC440GX-3CF667C Datasheet HTML 70Page - Applied Micro Circuits Corporation PPC440GX-3CF667C Datasheet HTML 71Page - Applied Micro Circuits Corporation PPC440GX-3CF667C Datasheet HTML 72Page - Applied Micro Circuits Corporation PPC440GX-3CF667C Datasheet HTML 73Page - Applied Micro Circuits Corporation PPC440GX-3CF667C Datasheet HTML 74Page - Applied Micro Circuits Corporation PPC440GX-3CF667C Datasheet HTML 75Page - Applied Micro Circuits Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 93 page
background image
440GX – Power PC 440GX Embedded Processor
AMCC
71
Revision 1.15 – August 30, 2007
Data Sheet
Ethernet MII Interface
EMCRxD0:3
4
1
na
na
5.1
6.8
EMCRxClk
1
EMCRxDV
4
1
na
na
5.1
6.8
EMCRxClk
1
EMCRxClk
na
na
na
na
5.1
6.8
1,
async
EMCRxErr
4
1
na
na
5.1
6.8
EMCRxClk
1
EMCTxD0:3
na
na
15
2
5.1
6.8
EMCTxClk
1
EMCTxEn
na
na
15
2
5.1
6.8
EMCTxClk
1
EMCTxClk
na
na
na
na
na
na
1,
async
EMCTxErr
na
na
15
2
5.1
6.8
EMCTxClk
1
EMCCrS
na
na
5.1
6.8
1,
async
EMCCD
na
na
5.1
6.8
1,
async
EMCMDIO
5.1
6.8
EMCMDClk
1
EMCMDClk
na
na
na
na
5.1
6.8
1,
async
Ethernet RMII Interface
EMC0RxD0:1
2
1
na
na
5.1
6.8
EMCRefClk
EMC0RxErr
2
1
na
na
5.1
6.8
EMCRefClk
EMC0CrSDV
na
na
5.1
6.8
EMCRefClk
EMC0TxD0:1
na
na
11
2
5.1
6.8
EMCRefClk
EMC0:1TxEn
na
na
11
2
5.1
6.8
EMCRefClk
EMC1RxD0:1
na
na
5.1
6.8
EMCRefClk
EMC1RxErr
na
na
5.1
6.8
EMCRefClk
EMC1CrSDV
na
na
5.1
6.8
EMCRefClk
EMC1TxD0:1
na
na
11
2
5.1
6.8
EMCRefClk
EMCRefClk
na
na
na
na
na
na
3,
async
I/O Specifications—All Speeds (Sheet 2 of 7)
Notes:
1. Ethernet interface meets timing requirements as defined by IEEE 802.3 standard.
2. PCI-X timings are for asynchronous operation up to 133MHz. PCI-X input setup time requirement is 1.2ns for 133MHz and
1.7ns for 66MHz. PCI timings (in parentheses) are for asynchronous operation up to 66MHz. PCI output hold time
requirement is 1ns for 66MHz and 2ns for 33MHz.
3. The clock frequency for RMII operation is 50MHz ± 100ppm.
4. The clock frequency for SMII operation is 125MHz ± 100ppm.
5. These are DDR signals that can change on both the positive and negative clock transitions.
Signal
Input (ns)
Output (ns)
Output Current (mA)
Clock
Notes
Setup Time
(TIS min)
Hold Time
(TIH min)
Valid Delay
(TOV max)
Hold Time
(TOH min)
I/O H
(minimum)
I/O L
(minimum)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com