công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PPC440GP-3RC500CZ bảng dữ liệu(PDF) 15 Page - Applied Micro Circuits Corporation

tên linh kiện PPC440GP-3RC500CZ
Giải thích chi tiết về linh kiện  Power PC 440GP Embedded Processor
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AMCC [Applied Micro Circuits Corporation]
Trang chủ  http://www.amcc.com
Logo AMCC - Applied Micro Circuits Corporation

PPC440GP-3RC500CZ bảng dữ liệu(HTML) 15 Page - Applied Micro Circuits Corporation

Back Button PPC440GP-3RC500CZ Datasheet HTML 11Page - Applied Micro Circuits Corporation PPC440GP-3RC500CZ Datasheet HTML 12Page - Applied Micro Circuits Corporation PPC440GP-3RC500CZ Datasheet HTML 13Page - Applied Micro Circuits Corporation PPC440GP-3RC500CZ Datasheet HTML 14Page - Applied Micro Circuits Corporation PPC440GP-3RC500CZ Datasheet HTML 15Page - Applied Micro Circuits Corporation PPC440GP-3RC500CZ Datasheet HTML 16Page - Applied Micro Circuits Corporation PPC440GP-3RC500CZ Datasheet HTML 17Page - Applied Micro Circuits Corporation PPC440GP-3RC500CZ Datasheet HTML 18Page - Applied Micro Circuits Corporation PPC440GP-3RC500CZ Datasheet HTML 19Page - Applied Micro Circuits Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 83 page
background image
440GP – Power PC 440GP Embedded Processor
AMCC
15
Revision 1.07 – October 4, 2007
Data Sheet
Universal Interrupt Controller (UIC)
TwoUniversal Interrupt Controllers (UIC) are available. They provide control, status, and communications
necessary between the external and internal sources of interrupts and the on-chip PowerPC processor.
Note: Processor specific interrupts (for example, page faults) do not use UIC resources.
Features include:
• 13 external interrupts
• 45 internal interrupts
• Edge triggered or level-sensitive
• Positive or negative active
• Non-critical or critical interrupt to the on-chip processor core
• Programmable interrupt priority ordering
• Programmable critical interrupt vector for faster vector processing
JTAG
Features include:
• IEEE 1149.1 Test Access Port
• IBM RISCWatch Debugger support
• JTAG Boundary Scan Description Language (BSDL)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83