| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PPC440GP-3RC466CZ bảng dữ liệu(PDF) 8 Page - Applied Micro Circuits Corporation |
|
|
|||||||||||||||||||||||||||||
PPC440GP-3RC466CZ bảng dữ liệu(HTML) 8 Page - Applied Micro Circuits Corporation |
|
8 / 83 page ![]() 440GP – Power PC 440GP Embedded Processor 8 AMCC Revision 1.07 – October 4, 2007 Data Sheet PCI-X Reserved 2 0000 0000 2 07FF FFFF PCI-X I/O 2 0800 0000 2 0BFF FFFF 64MB Reserved 2 0C00 0000 2 0EBF FFFF PCI-X External Configuration Registers 2 0EC0 0000 2 0EC0 0007 8B Reserved 2 0EC0 0008 2 0EC7 FFFF PCI-X Bridge Core Configuration Registers 2 0EC8 0000 2 0EC8 00FF 256B Reserved 2 0EC8 0100 2 0EC8 00FF PCI-X Special Cycle 2 0ED0 0000 2 0EDF FFFF 1MB PCI-X Memory 2 0EE0 0000 F FFFF FFFF 55.76 GB Notes: 1. DDR SDRAM and on-chip SRAM can be located anywhere in the Local Memory area of the memory map. 2. The Boot ROM and Expansion ROM areas of the memory map are intended for use by ROM or Flash-type devices. While locating volatile DDR SDRAM and SRAM in this region is supported, use of these regions for this purpose is not recommended. 3. When the optional boot from PCI-X memory is selected, the PCI-X Boot ROM address space begins at 2 FFFE 0000 (128 KB). System Memory Address Map (Sheet 2 of 2) Function Sub Function Start Address End Address Size |