| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PPC440GP-3RC400E bảng dữ liệu(PDF) 73 Page - Applied Micro Circuits Corporation |
|
|
|||||||||||||||||||||||||||||
PPC440GP-3RC400E bảng dữ liệu(HTML) 73 Page - Applied Micro Circuits Corporation |
|
73 / 83 page ![]() 440GP – Power PC 440GP Embedded Processor AMCC 73 Revision 1.07 – October 4, 2007 Data Sheet I/O Timing—DDR SDRAM TDS Notes: 1. All of the DQS signals are referenced to MemClkOut0(0). 2. The TDS values in the table include 3/4 of a cycle at the indicated clock speed. 3. To obtain adjusted values for lower clock frequencies, subtract 5.625 ns from the values in the table and add 3/4 of the cycle time for the lower clock frequency (TDS - 5.625 + 0.75TCYC). Clock Speed (MHz) Signal Name TDS (ns) Minimum Maximum 133 DQS0 na 6.25 133 DQS1 na 6.25 133 DQS2 na 6.25 133 DQS3 na 6.25 133 DQS4 na 6.25 133 DQS5 na 6.25 133 DQS6 na 6.25 133 DQS7 na 6.25 133 DQS8 na 6.25 I/O Timing—DDR SDRAM TSK, TSA, and THA Notes: 1. TSK is referenced to MemClkOut0(0). TSA and THA are referenced to MemClkOut0(90). 2. To obtain adjusted TSA values for lower clock frequencies, use 3/4 of the cycle time for the lower clock frequency and subtract TSK maximum (0.75TCYC - TSKmax). 3. To obtain adjusted THA values for lower clock frequencies, use 1/4 of the cycle time for the lower clock frequency and add TSK minimum (0.25TCYC + TSKmin). Clock Speed (MHz) Signal Name TSK (ns) TSA (ns) THA (ns) Minimum Maximum Minimum Minimum 133 MemAddr00:12 0.4 1.2 4.425 2.275 133 BA0:1 0.4 1.2 4.425 2.275 133 BankSel0:3 0.4 1.2 4.425 2.275 133 ClkEn0:3 0.4 1.2 4.425 2.275 133 CAS 0.4 1.2 4.425 2.275 133 RAS 0.4 1.2 4.425 2.275 133 WE 0.4 1.2 4.425 2.275 |