| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PPC405GP-3BE266C bảng dữ liệu(PDF) 4 Page - Applied Micro Circuits Corporation |
|
|
|||||||||||||||||||||||||||||
PPC405GP-3BE266C bảng dữ liệu(HTML) 4 Page - Applied Micro Circuits Corporation |
|
4 / 59 page ![]() 405GP – Power PC 405GP Embedded Processor 4 AMCC Revision 2.03 – September 7, 2007 Data Sheet Ordering, PVR, and JTAG Information The part number contains a revision code. This refers to the die mask revision number and is included in the part numbering scheme for identification purposes only. The PVR (Processor Version Register) is software accessible and contains additional information about the revision level of the part. Refer to the PowerPC 405GP Embedded Processor User’s Manual for details on the register content. Product Name Order Part Number1, 2 Processor Frequency Package Rev Level PVR Value JTAG ID PPC405GP PPC405GP-3BE133C 133MHz 35mm, 456 ball E-PBGA E 0x40110145 0x42050049 PPC405GP PPC405GP-3BE133CZ 133MHz 35mm, 456 ball E-PBGA E 0x40110145 0x42050049 PPC405GP PPC405GP-3DE133C 133MHz 27mm, 456 ball E-PBGA E 0x40110145 0x42050049 PPC405GP PPC405GP-3DE133CZ 133MHz 27mm, 456 ball E-PBGA E 0x40110145 0x42050049 PPC405GP PPC405GP-3FE133C 133MHz 35mm, 456 ball E-PBGA E 0x40110145 0x42050049 PPC405GP PPC405GP-3FE133CZ 133MHz 35mm, 456 ball E-PBGA E 0x40110145 0x42050049 PPC405GP PPC405GP-3KE133C 133MHz 27mm, 456 ball E-PBGA E 0x40110145 0x42050049 PPC405GP PPC405GP-3KE133CZ 133MHz 27mm, 456 ball E-PBGA E 0x40110145 0x42050049 PPC405GP PPC405GP-3BE200C 200MHz 35mm, 456 ball E-PBGA E 0x40110145 0x42050049 PPC405GP PPC405GP-3BE200CZ 200MHz 35mm, 456 ball E-PBGA E 0x40110145 0x42050049 PPC405GP PPC405GP-3DE200C 200MHz 27mm, 456 ball E-PBGA E 0x40110145 0x42050049 PPC405GP PPC405GP-3DE200CZ 200MHz 27mm, 456 ball E-PBGA E 0x40110145 0x42050049 PPC405GP PPC405GP-3FE200C 200MHz 35mm, 456 ball E-PBGA E 0x40110145 0x42050049 PPC405GP PPC405GP-3FE200CZ 200MHz 35mm, 456 ball E-PBGA E 0x40110145 0x42050049 PPC405GP PPC405GP-3KE200C 200MHz 27mm, 456 ball E-PBGA E 0x40110145 0x42050049 PPC405GP PPC405GP-3KE200CZ 200MHz 27mm, 456 ball E-PBGA E 0x40110145 0x42050049 PPC405GP PPC405GP-3EE200C 200MHz 25mm, 413 ball E-PBGA E 0x40110145 0x42050049 PPC405GP PPC405GP-3EE200CZ 200MHz 25mm, 413 ball E-PBGA E 0x40110145 0x42050049 PPC405GP PPC405GP-3BE266C 266MHz 35mm, 456 ball E-PBGA E 0x40110145 0x42050049 PPC405GP PPC405GP-3BE266CZ 266MHz 35mm, 456 ball E-PBGA E 0x40110145 0x42050049 PPC405GP PPC405GP-3DE266C 266MHz 27mm, 456 ball E-PBGA E 0x40110145 0x42050049 PPC405GP PPC405GP-3DE266CZ 266MHz 27mm, 456 ball E-PBGA E 0x40110145 0x42050049 PPC405GP PPC405GP-3FE266C 266MHz 35mm, 456 ball E-PBGA E 0x40110145 0x42050049 PPC405GP PPC405GP-3FE266CZ 266MHz 35mm, 456 ball E-PBGA E 0x40110145 0x42050049 PPC405GP PPC405GP-3KE266C 266MHz 27mm, 456 ball E-PBGA E 0x40110145 0x42050049 PPC405GP PPC405GP-3KE266CZ 266MHz 27mm, 456 ball E-PBGA E 0x40110145 0x42050049 PPC405GP PPC405GP-3EE266C 266MHz 25mm, 413 ball E-PBGA E 0x40110145 0x42050049 PPC405GP PPC405GP-3EE266CZ 266MHz 25mm, 413 ball E-PBGA E 0x40110145 0x42050049 Notes 1. Z at the end of the Order Part Number indicates a tape-and-reel shipping package. Otherwise, the chips are shipped in a tray. 2. Package types F (35mm) and K (27mm) are lead-free. |