công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PPC440GP-3CC400E bảng dữ liệu(PDF) 73 Page - Applied Micro Circuits Corporation

tên linh kiện PPC440GP-3CC400E
Giải thích chi tiết về linh kiện  Power PC 440GP Embedded Processor
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AMCC [Applied Micro Circuits Corporation]
Trang chủ  http://www.amcc.com
Logo AMCC - Applied Micro Circuits Corporation

PPC440GP-3CC400E bảng dữ liệu(HTML) 73 Page - Applied Micro Circuits Corporation

Back Button PPC440GP-3CC400E Datasheet HTML 69Page - Applied Micro Circuits Corporation PPC440GP-3CC400E Datasheet HTML 70Page - Applied Micro Circuits Corporation PPC440GP-3CC400E Datasheet HTML 71Page - Applied Micro Circuits Corporation PPC440GP-3CC400E Datasheet HTML 72Page - Applied Micro Circuits Corporation PPC440GP-3CC400E Datasheet HTML 73Page - Applied Micro Circuits Corporation PPC440GP-3CC400E Datasheet HTML 74Page - Applied Micro Circuits Corporation PPC440GP-3CC400E Datasheet HTML 75Page - Applied Micro Circuits Corporation PPC440GP-3CC400E Datasheet HTML 76Page - Applied Micro Circuits Corporation PPC440GP-3CC400E Datasheet HTML 77Page - Applied Micro Circuits Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 83 page
background image
440GP – Power PC 440GP Embedded Processor
AMCC
73
Revision 1.07 – October 4, 2007
Data Sheet
I/O Timing—DDR SDRAM TDS
Notes:
1. All of the DQS signals are referenced to MemClkOut0(0).
2. The TDS values in the table include 3/4 of a cycle at the indicated clock speed.
3. To obtain adjusted values for lower clock frequencies, subtract 5.625 ns from the values in the table and add 3/4 of the cycle
time for the lower clock frequency (TDS - 5.625 + 0.75TCYC).
Clock Speed (MHz)
Signal Name
TDS (ns)
Minimum
Maximum
133
DQS0
na
6.25
133
DQS1
na
6.25
133
DQS2
na
6.25
133
DQS3
na
6.25
133
DQS4
na
6.25
133
DQS5
na
6.25
133
DQS6
na
6.25
133
DQS7
na
6.25
133
DQS8
na
6.25
I/O Timing—DDR SDRAM TSK, TSA, and THA
Notes:
1. TSK is referenced to MemClkOut0(0). TSA and THA are referenced to MemClkOut0(90).
2. To obtain adjusted TSA values for lower clock frequencies, use 3/4 of the cycle time for the lower clock frequency and
subtract TSK maximum (0.75TCYC - TSKmax).
3. To obtain adjusted THA values for lower clock frequencies, use 1/4 of the cycle time for the lower clock frequency and add
TSK minimum (0.25TCYC + TSKmin).
Clock Speed (MHz)
Signal Name
TSK (ns)
TSA (ns)
THA (ns)
Minimum
Maximum
Minimum
Minimum
133
MemAddr00:12
0.4
1.2
4.425
2.275
133
BA0:1
0.4
1.2
4.425
2.275
133
BankSel0:3
0.4
1.2
4.425
2.275
133
ClkEn0:3
0.4
1.2
4.425
2.275
133
CAS
0.4
1.2
4.425
2.275
133
RAS
0.4
1.2
4.425
2.275
133
WE
0.4
1.2
4.425
2.275



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83