công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

440GP bảng dữ liệu(PDF) 8 Page - Applied Micro Circuits Corporation

tên linh kiện 440GP
Giải thích chi tiết về linh kiện  Power PC 440GP Embedded Processor
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AMCC [Applied Micro Circuits Corporation]
Trang chủ  http://www.amcc.com
Logo AMCC - Applied Micro Circuits Corporation

440GP bảng dữ liệu(HTML) 8 Page - Applied Micro Circuits Corporation

Back Button 440GP Datasheet HTML 4Page - Applied Micro Circuits Corporation 440GP Datasheet HTML 5Page - Applied Micro Circuits Corporation 440GP Datasheet HTML 6Page - Applied Micro Circuits Corporation 440GP Datasheet HTML 7Page - Applied Micro Circuits Corporation 440GP Datasheet HTML 8Page - Applied Micro Circuits Corporation 440GP Datasheet HTML 9Page - Applied Micro Circuits Corporation 440GP Datasheet HTML 10Page - Applied Micro Circuits Corporation 440GP Datasheet HTML 11Page - Applied Micro Circuits Corporation 440GP Datasheet HTML 12Page - Applied Micro Circuits Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 83 page
background image
440GP – Power PC 440GP Embedded Processor
8
AMCC
Revision 1.07 – October 4, 2007
Data Sheet
PCI-X
Reserved
2 0000 0000
2 07FF FFFF
PCI-X I/O
2 0800 0000
2 0BFF FFFF
64MB
Reserved
2 0C00 0000
2 0EBF FFFF
PCI-X External Configuration Registers
2 0EC0 0000
2 0EC0 0007
8B
Reserved
2 0EC0 0008
2 0EC7 FFFF
PCI-X Bridge Core Configuration Registers
2 0EC8 0000
2 0EC8 00FF
256B
Reserved
2 0EC8 0100
2 0EC8 00FF
PCI-X Special Cycle
2 0ED0 0000
2 0EDF FFFF
1MB
PCI-X Memory
2 0EE0 0000
F FFFF FFFF
55.76 GB
Notes:
1. DDR SDRAM and
on-chip SRAM can be located anywhere in the Local Memory area of the memory map.
2. The Boot ROM and Expansion ROM areas of the memory map are intended for use by ROM or Flash-type devices. While locating
volatile DDR SDRAM and SRAM in this region is supported, use of these regions for this purpose is not recommended.
3. When the optional boot from PCI-X memory is selected, the PCI-X Boot ROM address space begins at 2 FFFE 0000 (128 KB).
System Memory Address Map (Sheet 2 of 2)
Function
Sub Function
Start Address
End Address
Size



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com