| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PPC405GPR-3KB266Z bảng dữ liệu(PDF) 4 Page - Applied Micro Circuits Corporation |
|
|
|||||||||||||||||||||||||||||
PPC405GPR-3KB266Z bảng dữ liệu(HTML) 4 Page - Applied Micro Circuits Corporation |
|
4 / 57 page ![]() 405GPr – Power PC 405GPr Embedded Processor 4 AMCC Revision 2.04 – September 7, 2007 Data Sheet Ordering, PVR, and JTAG Information The part number contains a revision code. This refers to the die mask revision number and is included in the part numbering scheme for identification purposes only. The PVR (Processor Version Register) is software accessible and contains additional information about the revision level of the part. Refer to the PowerPC 405GPr Embedded Processor User’s Manual for details on the register content. Product Name Order Part Number1 Processor Fre- quency Package Rev Level PVR Value JTAG ID PPC405GPr PPC405GPr-3BB266 266MHz 35mm, 456 E-PBGA B 0x50910951 0x24088049 PPC405GPr PPC405GPr-3JB266 266MHz 35mm, 456 E-PBGA B 0x50910951 0x24088049 PPC405GPr PPC405GPr-3BB266Z 266MHz 35mm, 456 E-PBGA B 0x50910951 0x24088049 PPC405GPr PPC405GPr-3JB266Z 266MHz 35mm, 456 E-PBGA B 0x50910951 0x24088049 PPC405GPr PPC405GPr-3DB266 266MHz 27mm, 456 E-PBGA B 0x50910951 0x24088049 PPC405GPr PPC405GPr-3KB266 266MHz 27mm, 456 E-PBGA B 0x50910951 0x24088049 PPC405GPr PPC405GPr-3DB266Z 266MHz 27mm, 456 E-PBGA B 0x50910951 0x24088049 PPC405GPr PPC405GPr-3KB266Z 266MHz 27mm, 456 E-PBGA B 0x50910951 0x24088049 PPC405GPr PPC405GPr-3BB333 333MHz2 35mm, 456 E-PBGA B 0x50910951 0x24088049 PPC405GPr PPC405GPr-3JB333 333MHz2 35mm, 456 E-PBGA B 0x50910951 0x24088049 PPC405GPr PPC405GPr-3BB333Z 333MHz2 35mm, 456 E-PBGA B 0x50910951 0x24088049 PPC405GPr PPC405GPr-3JB333Z 333MHz2 35mm, 456 E-PBGA B 0x50910951 0x24088049 PPC405GPr PPC405GPr-3DB333 333MHz2 27mm, 456 E-PBGA B 0x50910951 0x24088049 PPC405GPr PPC405GPr-3KB333 333MHz2 27mm, 456 E-PBGA B 0x50910951 0x24088049 PPC405GPr PPC405GPr-3DB333Z 333MHz2 27mm, 456 E-PBGA B 0x50910951 0x24088049 PPC405GPr PPC405GPr-3KB333Z 333MHz2 27mm, 456 E-PBGA B 0x50910951 0x24088049 PPC405GPr PPC405GPr-3BB400 400MHz 35mm, 456 E-PBGA B 0x50910951 0x24088049 PPC405GPr PPC405GPr-3JB400 400MHz 35mm, 456 E-PBGA B 0x50910951 0x24088049 PPC405GPr PPC405GPr-3BB400Z 400MHz 35mm, 456 E-PBGA B 0x50910951 0x24088049 PPC405GPr PPC405GPr-3JB400Z 400MHz 35mm, 456 E-PBGA B 0x50910951 0x24088049 PPC405GPr PPC405GPr-3DB400 400MHz 27mm, 456 E-PBGA B 0x50910951 0x24088049 PPC405GPr PPC405GPr-3KB400 400MHz 27mm, 456 E-PBGA B 0x50910951 0x24088049 PPC405GPr PPC405GPr-3DB400Z 400MHz 27mm, 456 E-PBGA B 0x50910951 0x24088049 PPC405GPr PPC405GPr-3KB400Z 400MHz 27mm, 456 E-PBGA B 0x50910951 0x24088049 Notes 1: Z at the end of the Order Part Number indicates a tape-and-reel shipping package. Otherwise, the chips are shipped in a tray. 2. If the 333MHz parts are operated at 266MHz or less, the operational temperature range is extended to 105 °C |