| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
440EPX bảng dữ liệu(PDF) 45 Page - Applied Micro Circuits Corporation |
|
|
|||||||||||||||||||||||||||||
440EPX bảng dữ liệu(HTML) 45 Page - Applied Micro Circuits Corporation |
|
45 / 94 page ![]() 440EPx – PPC440EPx Embedded Processor Revision 1.26 – October 15, 2007 AMCC Proprietary 45 Preliminary Data Sheet Signals in Ball Assignment Order In the following table, only the primary (default) signal name is shown for each ball. Multiplexed or multifunction signals are marked with an asterisk (*). To determine what other signals or functions are on those balls, look up the primary signal name in Table 5 on page 21. VDD AA05 Power 65 VDD AA16 VDD AA19 VDD AA30 VDD AB05 VDD AB16 VDD AB19 VDD AB30 VDD AC05 VDD AC30 VDD AD05 VDD AD30 VDD AK11 VDD AK12 VDD AK13 VDD AK14 VDD AK15 VDD AK20 VDD AK21 VDD AK22 VDD AK23 VDD AK24 WE AJ02 DDR SDRAM 58 Table 5. Signals Listed Alphabetically (Sheet 25 of 25) Signal Name Ball Interface Group Page |